Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1841-547-255 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKP1841-547-255
Description  Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1841-547-255 Datasheet(HTML) 2 Page - Vishay Siliconix

  MKP1841-547-255 Datasheet HTML 1Page - Vishay Siliconix MKP1841-547-255 Datasheet HTML 2Page - Vishay Siliconix MKP1841-547-255 Datasheet HTML 3Page - Vishay Siliconix MKP1841-547-255 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
75
MKP 1841
Vishay Roederstein
Document Number 26019
Revision 01-Dec-03
For technical questions, contact dc-film@vishay.com
RECOMMENDED PACKAGING
LETTER
TYPE OF
HEIGHT
REEL
ORDERING CODE
PCM
PCM
PCM
PCM
CODE
PACKAGING
(H)
DIAMETER
EXAMPLE
7.5 - 10
15
22.5 - 27.5
37.5
(mm)
(mm)
D
AMMO
16.5
S*
MKP 1841-310-405-D
X
X
G
AMMO
18.5
S*
MKP 1841-310-405-G
X
X
F
REEL
16.5
350
MKP 1841-310-405-F
X
X
W
REEL
18.5
350
MKP 1841-310-405-W
X
X
V
REEL
18.5
500
MKP 1841-522-165-V
X
X
G
AMMO
18.5
L*
MKP 1841-522-165-G
X
BULK
MKP 1841-547-255
XXXX
*S = box size 55 x 210 x 340mm (W x H x L)
*L = box size 60 x 510 x 360mm (W x H x L)
CAPACI- CAPACI-
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
TANCE
TANCE
CODE 16
CODE 25
CODE 40
CODE 63
CODE
160 VDC/
250 VDC/
400 VDC/
630 VDC/
100 VAC
160 VAC
220 VAC
250 VAC
W
H
L
PCM
W
H
L
PCM
W
H
L
PCM
W
H
L
PCM
470 pF
- 147
4.5
9.5
10.0
7.5
680 pF
- 168
3.0
8.5
10.0
7.5
1000 pF
- 210
3.0
8.5
10.0
7.5
1500 pF
- 215
3.0
8.5
10.0
7.5
2200 pF
- 222
3.0
8.5
10.0
7.5
3300 pF
- 233
4.0
9.0
10.0
7.5
4700 pF
- 247
4.5
9.5
10.0
7.5
6800 pF
- 268
4.0
9.0
10.0
7.5
5.0
10.5
10.3
7.5
0.01 µF
- 310
4.0
9.0
10.0
7.5
4.5
9.5
10.0
7.5
4.5
9.5
13.0
10
0.015 µF
- 315
5.0
10.5
10.3
7.5
4.5
9.5
10.0
7.5
5.5
10.5
13.0
10
0.022 µF
- 322
4.0
9.0
13.0
10
4.5
9.5
13.0
10
6.5
11.5
13.0
10
0.033 µF
- 333
4.5
9.5
13.0
10
5.5
10.5
13.0
10
5.5
10.5
18.0
15
0.047 µF
- 347
5.5
10.5
13.0
10
6.5
11.5
13.0
10
6.5
12.5
18.0
15
0.068 µF
- 368
6.5
11.5
13.0
10
5.5
10.5
18.0
15
7.5
13.5
18.0
15
0.10 µF
- 410
5.5
10.5
18.0
15
6.5
12.5
18.0
15
8.5
14.5
18.0
15
0.15 µF
- 415
6.5
12.5
18.0
15
7.5
13.5
18.0
15
8.5
16.5
26.5
22.5
0.22 µF
- 422
7.5
13.5
18.0
15
8.5
17.5
18.0
15
10.5
18.5
26.5
22.5
0.33 µF
- 433
8.5
17.5
18.0
15
8.5
16.5
26.5
22.5
11.0
21.0
26.5
22.5
0.47 µF
- 447
8.5
16.5
26.5
22.5
10.5
18.5
26.5
22.5
13.5
23.5
31.5
27.5
0.68 µF
- 468
9.0
17.0
26.5
22.5
11.0
21.0
26.5
22.5
15.0
24.5
31.5
27.5
1.0 µF
- 510
11.0
21.0
26.5
22.5
11.5
20.5
31.5
27.5
14.5
24.5
41.5
37.5
1.5 µF
- 515
13.5
23.5
31.5
27.5
15.0
24.5
31.5
27.5
18.0
32.5
41.5
37.5
2.2 µF
- 522
15.0
24.5
31.5
27.5
16.5
29.5
31.5
27.5
20.0
40.0
42.5
37.5
3.3 µF
- 533
18.0
33.0
31.5
27.5
20.0
35.0
31.5
27.5
————
4.7 µF
- 547
18.0
32.5
41.5
37.5
20.0
40.0
42.5
37.5
————
6.8 µF
- 568
20.0
40.0
42.5
37.5
————
Further C-values upon request
DISSIPATION FACTOR TAN
MEASURED AT
C
0.1µF
0.1
µF < C 1.0µF
C > 1.0
µF
1kHz
0.3 x 10-3
0.3 x 10-3
0.3 x 10-3
10kHz
0.4 x 10-3
0.5 x 10-3
100kHz
1.5 x 10-3
——
Maximum value
δ
δδ
δδ
Metallized Polypropylene, Related Document: IEC 60384-16


Similar Part No. - MKP1841-547-255

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1841-547-255 VISHAY-MKP1841-547-255 Datasheet
196Kb / 5P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
More results

Similar Description - MKP1841-547-255

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845_06 Datasheet
478Kb / 6P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 07-Feb-06
MKP1839 VISHAY-MKP1839 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1837310161G VISHAY-MKP1837310161G Datasheet
150Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
MKP1840 VISHAY-MKP1840 Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1846 VISHAY-MKP1846_05 Datasheet
168Kb / 4P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
MKP1841 VISHAY-MKP1841_05 Datasheet
196Kb / 5P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
MKP1841-410 VISHAY-MKP1841-410 Datasheet
194Kb / 5P
   Metallized Polypropylene Capacitor, Mini-Version (-M) Related Document: IEC 60384-16
Revision: 04-Jul-05
MKT1822 VISHAY-MKT1822 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor Related Document: IEC 60384-2
Revision 02-Dec-03
MKC1860 VISHAY-MKC1860_05 Datasheet
170Kb / 4P
   Metallized Polycarbonate Film Capacitor Related Document: IEC 60384-6
Revision: 05-Jul-05
MKP1846 VISHAY-MKP1846 Datasheet
46Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60 384-16
Revision 01-Dec-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com