Electronic Components Datasheet Search |
|
3120-F303R-N7Q1 Datasheet(PDF) 11 Page - ETAL Group |
|
3120-F303R-N7Q1 Datasheet(HTML) 11 Page - ETAL Group |
11 / 16 page www.e-t-a.de 11 Thermal Circuit Breaker 3120-F... 1616 1 Thermal Circuit Breaker 3120-F... Technical Data (type X3120-B, without filter) Technical Data (type X3120-A with filter) Rated voltage AC 240 V Current rating (inlet) 16 A (IEC) 20 A (UL/CSA) Ambient temperature -25°C ...+60°C Number of poles L, N + earth Protection class: I Mounting method: screw-type mounting (front or rear) Connection: blade terminals DIN 46244 6.3 mm x 0.8 mm Housing material: thermoplastics, black UL94V-0 Appliance inlet: C20 according to IEC/EN 60320-1, UL498 Mains switch: Circuit breaker 3120-F5/-F7/-F8 (3120-F8 with push button actuation: technical data upon request) Rated voltage AC 250 V Current rating (inlet) 10 A (IEC) 15 A (UL/CSA) Current rating (filter) 1 A, 3 A, 6 A, 8 A, 10 A, 12 A, 15 A Ambient temperature -25°C ...+60°C Number of poles L, N + earth Protection class: I Mounting method: screw-type mounting (front or rear) Connection: blade terminals DIN 46244 6.3 mm x 0.8 mm Housing material: thermoplastics, black UL94V-0 Appliance inlet: C14 according to IEC/EN 60320-1, UL498 Mains switch: Circuit breaker 3120-F5/-F7/-F8 (3120-F8 with push button actuation: technical data upon request) Cut-out dimensions (type X3120-B) Cut-out dimensions (type X3120-A) Dimensions (type X3120-B) Dimensions (type X3120-A) 5.5 0.21 circuit breaker 3120 26 47 1.0 1.85 37 1.457 Ø 3.3 Ø .130 36.2 1.43 Ø 3.3 Ø .130 49.3 1.94 11.8 .465 40 1.57 90 ±0.1 79.5 ±0.3 80.0 ± .1 72.0 +.3 -.0 -.00 R3.0 +.0 -1.0 -.03 (4x) (4x) 2.83 +.01 3.15±.00 .12 +.00 |
Similar Part No. - 3120-F303R-N7Q1 |
|
Similar Description - 3120-F303R-N7Q1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |