Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXY8020A6U Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPXY8020A6U
Description  TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXY8020A6U Datasheet(HTML) 5 Page - Motorola, Inc

  MPXY8020A6U Datasheet HTML 1Page - Motorola, Inc MPXY8020A6U Datasheet HTML 2Page - Motorola, Inc MPXY8020A6U Datasheet HTML 3Page - Motorola, Inc MPXY8020A6U Datasheet HTML 4Page - Motorola, Inc MPXY8020A6U Datasheet HTML 5Page - Motorola, Inc MPXY8020A6U Datasheet HTML 6Page - Motorola, Inc MPXY8020A6U Datasheet HTML 7Page - Motorola, Inc MPXY8020A6U Datasheet HTML 8Page - Motorola, Inc MPXY8020A6U Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MPXY8020A
5
Motorola Sensor Device Data
Output Threshold Adjust
The state of the OUT pin is driven by a voltage comparator
whose output state depends on the level of the input voltage
on the sample capacitor and the level of an adjustable 8–bit
threshold voltage. The threshold is adjusted by shifting data
bits into the D/A Register (DAR) via the DATA pin while
clocking the CLK pin. The timing of this data is shown in Fig-
ure 6. Data is transferred into the serial shift register on the
rising edge of the CLK pin. On the falling edge of the 8th
clock the data in the serial shift register is latched into the
parallel DAR register. The DAR remains powered up when-
ever VDD is present. The serial data is clocked into the DATA
pin starting with the MSB first. This sequence of threshold
select bits is shown in Table 2.
Table 2. D/A Threshold Bit Assignments
Function
Bit Weight
Data Bit
LSB
1
D0
2
D1
4
D2
Voltage Comparator Threshold Adjust (8 bits)
8
D3
16
D4
32
D5
64
D6
MSB
128
D7
An analog to digital (A/D) conversion can be accomplished
with eight (8) different threshold levels in a successive
approximation algorithm; or the OUT pin can be set to trip at
some alarm level. The voltage on the sample capacitor will
maintain long enough for a single 8–bit conversion, but may
need to be refreshed with a new measured reading if the
read interval is longer than the specified hold time, tSH.
The counter that determines the number of clock pulses
into the device is reset whenever the device is placed into the
Measure Pressure or Measure Temperature Modes. This
provides a means to reset the data transfer count in case the
clock stream is corrupted during a transmission. In these two
modes the DATA and CLK pins should not be clocked to re-
duce noise in the captured pressure or temperature data.
Any change in the DAR contents should be done during the
Standby or Output Read Modes.
Both the serial bit counter and the state of the DAR are un-
defined following power up of the device. The serial bit count-
er can be reset by cycling either the SO pin or the S1 pin to a
high level and then back low. The DAR can then be reset to
the lowest level by holding the DATA pin low while bursting
the CLK pin with eight (8) clock pulses.
Figure 6. Serial Data Timing
CLK
Data
Serial Data ∗
DAR Load *
DAR *
( * ) Denotes Internal Signal
12
3
4
5
6
7
8
MSB
MSB
Data
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
LSB
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
LSB
Pressure Sensor Output
The pressure channel compares the output of its analog
measurement circuit to the D/A reference voltage. The de-
vice is calibrated at two different nominal values depending
on the calibration option.
Temperature Sensor Output
The temperature channel compares the output of a posi-
tive temperature coefficient (PTC) resistor driven by a
switched current source. The current source is only active
when the temperature channel is selected.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPXY8020A6U

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8020A6U MOTOROLA-MPXY8020A6U Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
logo
Freescale Semiconductor...
MPXY8020A6U FREESCALE-MPXY8020A6U Datasheet
303Kb / 17P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8020A6U FREESCALE-MPXY8020A6U Datasheet
284Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
More results

Similar Description - MPXY8020A6U

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A Datasheet
303Kb / 17P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8020A FREESCALE-MPXY8020A_03 Datasheet
284Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8021A FREESCALE-MPXY8021A Datasheet
299Kb / 15P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
logo
Motorola, Inc
MPXY8000 MOTOROLA-MPXY8000 Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
logo
List of Unclassifed Man...
SHT30 ETC2-SHT30 Datasheet
910Kb / 20P
   Fully calibrated, linearized, and temperature compensated digital output
logo
WOLFSPEED, INC.
AMS5612 WOLFSPEED-AMS5612 Datasheet
283Kb / 6P
   Calibrated and temperature compensated pressure sensor
March 2015 Rev. 1.4
logo
List of Unclassifed Man...
LPG10 ETC2-LPG10 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
Motorola, Inc
MPXY8021A MOTOROLA-MPXY8021A Datasheet
261Kb / 16P
   Tire Pressure Monitoring Sensor
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
   Fully Calibrated & Temperature Compensated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com