Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2S-10L2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D2S-10L2
Description  One-piece terminal construction to keep out flux
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2S-10L2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  D2S-10L2 Datasheet HTML 1Page - Omron Electronics LLC D2S-10L2 Datasheet HTML 2Page - Omron Electronics LLC D2S-10L2 Datasheet HTML 3Page - Omron Electronics LLC D2S-10L2 Datasheet HTML 4Page - Omron Electronics LLC D2S-10L2 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
D2S
Subminiature Basic Switch
D
2
S
Contact Form
Contact Specifications
*
Please refer to "Using Micro Loads" of "
●Precautions" for more information on the minimum applicable
load.
Item
Model
D2S-10 models
D2S-5 models
D2S-01 models
Contact
Specification
Rivet
Crossbar
Material
Silver alloy
Gold alloy
Gap (standard
value)
0.5 mm
Inrush
current
NC
20A max.
1 A max.
NO
15 A max.
10 A max.
1 A max.
Minimum applicable load
(reference value) *
5 VDC 160 mA
5 VDC 1 mA
●SPDT
COM
NO NC
Characteristics
Note. The data given above are initial values.
*1.
The values for dielectric strength shown are for models with a Separator (refer to "Micro Switch
Common Accessories").
*2.
The values are at Free Position and Total Travel Position values for pin plunger, and Total Travel
Position value for lever.
Close or open circuit of the contact is 1ms max.
*3.
For testing conditions, consult your OMRON sales representative.
Item
Model
D2S-10 models
D2S-5 models
D2S-01 models
Permissible operating speed
0.1 mm to 1 m/s (for pin plunger models)
Permissible
operating
frequency
Mechanical
400 operations/min
Electrical
60 operations/min
Insulation resistance
100 M
Ω min. (at 500 VDC with insulation tester)
Contact resistance
(initial value)
OF 1.47 N models
30m
Ω max.
50 m
Ω max.
OF 0.49 N models
-
50 m
Ω max.
100 m
Ω max.
Dielectric
strength * 1
Between terminals of the same
polarity
1,000 VAC 50/60 Hz 1 min
Between current-carrying metal
parts and ground
1,500 VAC 50/60 Hz 1 min
Between each terminals and
non-current-carrying metal parts
1,500 VAC 50/60 Hz 1 min
Vibration
resistance * 2
Malfunction
10 to 55 Hz, 1.5 mm double amplitude
Shock
resistance
Durability
OF 1.47 N models
1,000 m/s2 {approx. 100G} max.
OF 0.49 N models
500 m/s2 {approx. 50G} max.
Malfunction * 2
OF 1.47 N models
300 m/s2 {approx. 30G} max.
OF 0.49 models
200 m/s2 {approx. 20G} max.
Durability * 3
Mechanical
10,000,000 operations min.
(60 operations/min)
30,000,000 operations min.
(60 operations/min)
Electrical
50,000 operations min.
(30 operations/min)
200,000 operations min.
(30 operations/min)
Degree of protection
IEC IP40
Ambient operating temperature
-25°C to
+85°C (at ambient humidity of 60% max.)
(with no icing or condensation)
Ambient operating humidity
85% max. (for
+5°C to +35°C)
Weight
Approx. 1.6 g (pin plunger models)
Ratings
Note. The above rating values apply under the
following test conditions.
(1) Ambient temperature: 20
±2°C
(2) Ambient humidity: 65
±5%
(3) Operating frequency: 30 operations/min
Approved Safety
Standards
The items shown in the "List of Models"
are not standard approved models.
Consult your OMRON sales
representative for specific models with
standard approvals.
UL (UL1054)/CSA(CSA C22.2 No.55)
Model
Item
Rated voltage
Resistive load
D2S-10
models
250 VAC
10.1 A
D2S-5
models
125 VAC
250 VAC
5 A
3 A
D2S-01
models
125 VAC
0.1 A
30 VDC
0.1 A
Rated
voltage
Model
D2S-10
D2S-5
D2S-01
125 VAC
250 V
-
10.1 A
5 A
3 A
0.1 A
-
30 VDC
-
-
0.1 A


Similar Part No. - D2S-10L2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2S-10L2 OMRON-D2S-10L2 Datasheet
609Kb / 5P
   Subminiature Switch with Superb Flux Resistance
D2S-10L2D OMRON-D2S-10L2D Datasheet
609Kb / 5P
   Subminiature Switch with Superb Flux Resistance
More results

Similar Description - D2S-10L2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0354279710 MOLEX5-0354279710 Datasheet
129Kb / 2P
   6.00mm (.236") Tab Wire-to-Wire Terminal, Female, One-Piece Type
logo
Ralston Instruments.
QTHA-FLTS-HC-40 RALSTON-QTHA-FLTS-HC-40 Datasheet
498Kb / 1P
   Filter out particulate from the process to keep your hose and calibrator
logo
NEC
PS4601 NEC-PS4601 Datasheet
101Kb / 4P
   ONE PIECE PHOTO INTERRUPTER
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
   Rugged one piece metal housing
06-Nov-15
logo
List of Unclassifed Man...
V711 ETC2-V711 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V704 ETC2-V704 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V5744S ETC2-V5744S Datasheet
1Mb / 9P
   One-Piece Steel Surface Raceway
logo
Samtec, Inc
FSI SAMTEC-FSI Datasheet
512Kb / 6P
   1,00 mm One Piece Interface
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
   RSK one-piece screen connector
13.03.2019
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
   LOW PROFILE & ELEVATED ONE PIECE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com