Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-455888-5 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # 1-455888-5
Description  Ocean Side-Feed Applicators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1-455888-5 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button 1-455888-5 Datasheet HTML 3Page - TE Connectivity Ltd 1-455888-5 Datasheet HTML 4Page - TE Connectivity Ltd 1-455888-5 Datasheet HTML 5Page - TE Connectivity Ltd 1-455888-5 Datasheet HTML 6Page - TE Connectivity Ltd 1-455888-5 Datasheet HTML 7Page - TE Connectivity Ltd 1-455888-5 Datasheet HTML 8Page - TE Connectivity Ltd 1-455888-5 Datasheet HTML 9Page - TE Connectivity Ltd 1-455888-5 Datasheet HTML 10Page - TE Connectivity Ltd 1-455888-5 Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
408-10389
Rev M2
7 of 19
3.1. AMP-O-
LECTRIC Machine and Model “K” Machine (with Mini-Applicator Conversion)
Installation
This machine must be equipped with machine conversion kit 690675-2 to adapt it for use with the
miniature applicators. The kit includes applicator instruction sheet 408-8022, which explains how an
applicator with mechanical feed is installed and removed from the machine.
Removal
1. Turn off, and disconnect, the power to the machine.
2. Unload the applicator as described in Section 4.
3. Remove the hold-down bracket and movable stop, then slide the applicator away from the stop on the
base mount until the ram post is clear of the machine ram.
3.2. Model
“T” Terminating Unit
NOTE
For the Atlantic applicator only.
Installation
1. Turn off, and disconnect, the power to the machine.
2. Push in the release bar on the quick-change base plate. The locking latch will pivot downward.
3. Place the applicator on the quick-change base plate, then slide it back until two notches engage the
stops at the back of the plate. At the same time, guide the ram post into the ram post adapter.
4. Flip the locking latch up to secure the applicator in place.
Removal
1. Disconnect the power cord.
2. Cut the terminal strip one or two terminals from the end of the applicator.
3. Push in the release bar on the quick-change base plate. The locking latch will pivot downward.
4. Slide the applicator forward until it is clear of the ram post adapter.
3.3. Other Terminating Machines
For installation and removal procedures for the basic AMP-O-
LECTRIC machine, Model “G” machine, AMP 3K
and AMP 5K machines, and AMP 3K/40 and AMP 5K/40 machines, refer to the appropriate machine manual
given in Section 1.
For installation and removal procedures for terminating machines not listed, refer to the customer
documentation supplied with the machine.
NOTE
Adjustment of the stripper may be required when moving the applicator between bench and leadmaker applications.


Similar Part No. - 1-455888-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-455888-5 TEC-1-455888-5 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
1-455888-5 TEC-1-455888-5 Datasheet
5Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
1-455888-5 TEC-1-455888-5 Datasheet
5Mb / 4P
   SHOULD BE CONTACTED FOR THE LATEST REVISION.
1-455888-5 TEC-1-455888-5 Datasheet
4Mb / 4P
   SHOULD BE CONTACTED FOR THE LATEST REVISION.
1-455888-5 TEC-1-455888-5 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
More results

Similar Description - 1-455888-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-10390 TEC-408-10390 Datasheet
711Kb / 18P
   Ocean side-feed applicators are available with either a mechanical feed, air feed, or servo feed system
logo
Tyco Electronics
466422-2 MACOM-466422-2 Datasheet
28Kb / 1P
   SIDE FEED HDM APPLICATOR
466562-2 MACOM-466562-2 Datasheet
351Kb / 1P
   SIDE FEED HDM APPLICATOR
logo
Molex Electronics Ltd.
638634000 MOLEX-638634000 Datasheet
167Kb / 5P
   63863-4000 Fine Adjust Applicators
01-27-04
logo
3M Electronics
TSA-CMP 3M-TSA-CMP Datasheet
169Kb / 6P
   Film Applicators for Textured Surfaces
March 2008
logo
TE Connectivity Ltd
C-1530177 TEC-C-1530177 Datasheet
1Mb / 2P
   REPLACED BY OCEAN STYLE APPLICATOR PART
C-1528922 TEC-C-1528922 Datasheet
1Mb / 2P
   REPLACED BY OCEAN STYLE APPLICATOR PART
C-2150429 TEC-C-2150429 Datasheet
3Mb / 5P
   REPLACED BY OCEAN STYLE APPLICATOR PART
C-1530032 TEC-C-1530032 Datasheet
1Mb / 2P
   REPLACED BY OCEAN STYLE APPLICATOR PART
logo
3M Electronics
EPX 3M-EPX Datasheet
942Kb / 2P
   3M™ EPX™ Applicators and Nozzles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com