Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3120-F501T-N7Q1 Datasheet(PDF) 2 Page - ETAL Group

Part # 3120-F501T-N7Q1
Description  Medical and laboratory equipment, apparatus and machine construction, professional tools, household and garden appliances, offices machines, audio equipment, machine tools
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

3120-F501T-N7Q1 Datasheet(HTML) 2 Page - ETAL Group

  3120-F501T-N7Q1 Datasheet HTML 1Page - ETAL Group 3120-F501T-N7Q1 Datasheet HTML 2Page - ETAL Group 3120-F501T-N7Q1 Datasheet HTML 3Page - ETAL Group 3120-F501T-N7Q1 Datasheet HTML 4Page - ETAL Group 3120-F501T-N7Q1 Datasheet HTML 5Page - ETAL Group 3120-F501T-N7Q1 Datasheet HTML 6Page - ETAL Group 3120-F501T-N7Q1 Datasheet HTML 7Page - ETAL Group 3120-F501T-N7Q1 Datasheet HTML 8Page - ETAL Group 3120-F501T-N7Q1 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.e-t-a.de
2
Thermal Circuit Breaker 3120-F...
1616
1
0
I
I
0
ON
OFF
AD FX
Type No.
3120 thermal rocker-actuated circuit breaker
Mounting method
F flange mounting snap-in frame
Size of frame
3 standard, to fit mounting cut-out 50.5 x 21.5 mm
5 standard, to fit mounting cut-out 44.5 x 22 mm
7 special style, to fit mounting cut-out 44.5 x 22 mm
Number of poles
0 2-pole, unprotected, switch only
1 1-pole, thermally protected
2 2-pole, thermally protected
5 2-pole, 1-pole thermally protected
Mounting frame design (F3 & F5)
1
collar height 1 mm
3
collar height 9 mm
4
collar height 2 mm with water
splash protection (IP54)
Mounting frame design (F7)
R black
T black with snap-on water splash cover
Terminal configuration
PT push-in terminals
P7 blade terminals
H7 as P7, terminals 11 and 21 with flat head
screws M3.5 - standard for units with
undervoltage release module
N7 as P7, with additional shunt terminals 12(i)
and 22(i) - standard for version Q1 (switch only)
G7as N7, terminals 11 and 21 with flat head
screws M3.5
Characteristic curve
T1 thermal trip
Q1 switch only
Actuator style
W rocker for frame size F3 & F5
A rocker for frame size F7
Colour and illumination
01.
rocker black opaque
02.
rocker white opaque
04.
rocker red opaque
14. R rocker red translucent with
LED illumination
15. Y rocker orange translucent with
LED illumination
19. G rocker green translucent with
LED illumination
Marking for rocker style W
A
D
F
Q
X
Marking for rocker style A
Q »I« and »O« moulded in
Illumination voltage range
(= operating voltage)
1 DC 12 V
2 DC 24 V
3 AC 115 V
4 AC 230 V
5 DC 48 V
3120 -F 7 2 R - P7 T1 -A 14 QR 4
Current ratings
0.1...20 A
3120 -F 7 2 R - P7 T1 -A 14 QR 4 - 10 A
ordering example
Order numbering code
Q: 0 and 1
moulded in
Order numbering code
Type No.
3120 thermal circuit breaker with push button actuation
Mounting
F flange mounting snap-in frame
Size
2 special frame for fitting splash cover
3 mounting cut-out 50.5 x 21.5 mm (panel thickness
1-6.35 mm)
Number of poles
1 1-pole, thermally protected
2 2-pole, thermally protected
5 2-pole, thermally protected
Style
F frame with 2 push buttons
G frame with one push button (reset only)
Terminal configuration
PT push-in terminals
P7 blade terminals
H7 as P7, terminals 11 and 21 with flat head
screws M3.5 - standard for units with
undervoltage release module
N7 as P7, with additional shunt terminals 12(i)
and 22(i) - standard for version Q1 (switch only)
G7as N7, terminals 11 and 21 with flat head
screws M3.5
Characteristic curve
T1 thermal trip
Q1 switch only
Actuators / colour / illumination
D01X 1 push button* black opaque
D02X 1 push button* white opaque
D04X 1 push button* red opaque
D19XG 1 push button* green translucent
with LED illumination
SGRX 2 push buttons green/red opaque
without illumination
SGRXG 2 push buttons green/red translucent
with LED illumination
Illumination voltage range
(= operating voltage)
1 DC 12 V
2 DC 24 V
3 AC 115 V
4 AC 230 V
5 DC 48 V
Current ratings
0.1...20 A
3120- F 3 2 F - P7 T1- S GRXG 4-10 A
ordering example
*reset only
Packaging unit:
20, 25, 35, 50 or 60 pcs, depending on the version


Similar Part No. - 3120-F501T-N7Q1

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
3120-LTE-1 MOXA-3120-LTE-1 Datasheet
751Kb / 5P
   Industrial LTE Cat. 1 cellular gateways
More results

Similar Description - 3120-F501T-N7Q1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
3131-A ETAL-3131-A Datasheet
469Kb / 6P
   Motor protection, transformer protection, household appliances and office equipment, electrical tools, mobile homes, watercraft, construction vehicles, medical equipment
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
   Control systems, instrumentation, medical equipment, machine tools, robotics
logo
Hirose Electric
H.FL-DFS111A HIROSE-H.FL-DFS111A Datasheet
253Kb / 24P
   Others, machine tools and jigs
logo
DB Lectro Inc
NT90T DBLECTRO-NT90T_05 Datasheet
1Mb / 5P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-A HUAXINAN-NT90TP-A Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
NT90TP-B HUAXINAN-NT90TP-B Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
List of Unclassifed Man...
NT90 ETC2-NT90 Datasheet
572Kb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
logo
DB Lectro Inc
NT90 DBLECTRO-NT90_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-C HUAXINAN-NT90TP-C Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
DB Lectro Inc
NT90TP DBLECTRO-NT90TP_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com