Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7-455888-2 Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # 7-455888-2
Description  Ocean Side-Feed Applicators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-455888-2 Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button 7-455888-2 Datasheet HTML 5Page - TE Connectivity Ltd 7-455888-2 Datasheet HTML 6Page - TE Connectivity Ltd 7-455888-2 Datasheet HTML 7Page - TE Connectivity Ltd 7-455888-2 Datasheet HTML 8Page - TE Connectivity Ltd 7-455888-2 Datasheet HTML 9Page - TE Connectivity Ltd 7-455888-2 Datasheet HTML 10Page - TE Connectivity Ltd 7-455888-2 Datasheet HTML 11Page - TE Connectivity Ltd 7-455888-2 Datasheet HTML 12Page - TE Connectivity Ltd 7-455888-2 Datasheet HTML 13Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
408-10389
Rev M2
9 of 19
5. ADJUSTMENTS
5.1. Wire Crimp Adjustment
1. Select an increment number from 0 (largest crimp height) to 150 (smallest crimp height) from the data
plate for the wire size to be used. Each increment represents a change in crimp height of 0.01 mm
[.0004 in.].
2. Turn the wire crimp height adjustment disc clockwise to decrease the crimp height and turn the wire
crimp disc counterclockwise to increase the crimp height.
3. Turn the wire crimp disc to line up with the specified increment number with the indicator notch/cut out
on the front of the ram. This provides the right crimp height for that wire. See Figure 8.
Figure 8
4. Make the insulation crimp adjustment described in Paragraph 5.2, then make several test cycles and
inspect the terminations closely. Look for rough or sharp edges around the crimped barrels (flash),
deformed crimps, bent terminals, or other defects caused by worn or broken tooling. If necessary,
replace tooling as described in Section 6.
— If the terminations appear normal, measure the crimp height of each termination as described in instruction sheet 408-
7424, packaged with the applicator. The crimp height must agree with the measurement specified on the applicator log
for the wire size being used. Record crimp height dimensions for reference.
— If the crimp height is incorrect, remove the applicator, and install one that is known to produce terminations of correct
crimp height. Make several test cycles and repeat the inspection. If the crimp height is incorrect for this applicator, the
problem is the machine shut height, and corrective information can be found in the appropriate machine manual. If the
crimp height is correct, the problem is in the original applicator, and refer to Paragraph 6.8, Adjustable Crimp Height
Repair, for corrective measures.
5. During extensive operation, periodically inspection the terminals as described in step 4 to make sure
that the applicator is producing correct terminations.
5.2. Insulation Crimp Adjustment
The insulation crimp is adjustable in increments of 0.19 mm [.0075 in.] by pulling the insulation crimp dial out
(refer to Figure 4) and turning it to line up with the number (1 through 18) so that it is shown at the indicator
notch on the ram: No. 1 makes the loosest crimp and No. 18 makes the tightest crimp. The total range of
adjustment is approximately 3.30 mm [.130 in.]. To find the desired insulation crimp, start with No. 1, make test
crimps, then increase the setting one number at a time until the proper insulation crimp height is achieved.
NOTE
Some applicators may have a special insulation adjustment dial that differs in range and increments than described. Refer to
the marking on the front of the insulation crimp dial for correct increments.
Wire Crimp Disc
Indicator Notch/Cut Out
Insulation Crimp Dial


Similar Part No. - 7-455888-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
7-455888-2 TEC-7-455888-2 Datasheet
711Kb / 18P
   Ocean side-feed applicators are available with either a mechanical feed, air feed, or servo feed system
More results

Similar Description - 7-455888-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-10390 TEC-408-10390 Datasheet
711Kb / 18P
   Ocean side-feed applicators are available with either a mechanical feed, air feed, or servo feed system
logo
Tyco Electronics
466422-2 MACOM-466422-2 Datasheet
28Kb / 1P
   SIDE FEED HDM APPLICATOR
466562-2 MACOM-466562-2 Datasheet
351Kb / 1P
   SIDE FEED HDM APPLICATOR
logo
Molex Electronics Ltd.
638634000 MOLEX-638634000 Datasheet
167Kb / 5P
   63863-4000 Fine Adjust Applicators
01-27-04
logo
3M Electronics
TSA-CMP 3M-TSA-CMP Datasheet
169Kb / 6P
   Film Applicators for Textured Surfaces
March 2008
logo
TE Connectivity Ltd
C-1530177 TEC-C-1530177 Datasheet
1Mb / 2P
   REPLACED BY OCEAN STYLE APPLICATOR PART
C-1528922 TEC-C-1528922 Datasheet
1Mb / 2P
   REPLACED BY OCEAN STYLE APPLICATOR PART
C-2150429 TEC-C-2150429 Datasheet
3Mb / 5P
   REPLACED BY OCEAN STYLE APPLICATOR PART
C-1530032 TEC-C-1530032 Datasheet
1Mb / 2P
   REPLACED BY OCEAN STYLE APPLICATOR PART
logo
3M Electronics
EPX 3M-EPX Datasheet
942Kb / 2P
   3M™ EPX™ Applicators and Nozzles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com