Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF1550T1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF1550T1
Description  RF POWER FIELD EFFECT TRANSISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF1550T1 Datasheet(HTML) 2 Page - Motorola, Inc

  MRF1550T1 Datasheet HTML 1Page - Motorola, Inc MRF1550T1 Datasheet HTML 2Page - Motorola, Inc MRF1550T1 Datasheet HTML 3Page - Motorola, Inc MRF1550T1 Datasheet HTML 4Page - Motorola, Inc MRF1550T1 Datasheet HTML 5Page - Motorola, Inc MRF1550T1 Datasheet HTML 6Page - Motorola, Inc MRF1550T1 Datasheet HTML 7Page - Motorola, Inc MRF1550T1 Datasheet HTML 8Page - Motorola, Inc MRF1550T1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MRF1550T1 MRF1550FT1
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
IDSS
1
µAdc
Gate–Source Leakage Current
(VGS = 10 Vdc, VDS = 0 Vdc)
IGSS
0.5
µAdc
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS = 12.5 Vdc, ID = 800 µA)
VGS(th)
1
3
Vdc
Drain–Source On–Voltage
(VGS = 5 Vdc, ID = 1.2 A)
RDS(on)
0.5
Drain–Source On–Voltage
(VGS = 10 Vdc, ID = 4.0 Adc)
VDS(on)
1
Vdc
DYNAMIC CHARACTERISTICS
Input Capacitance (Includes Input Matching Capacitance)
(VDS = 12.5 Vdc, VGS = 0 V, f = 1 MHz)
Ciss
500
pF
Output Capacitance
(VDS = 12.5 Vdc, VGS = 0 V, f = 1 MHz)
Coss
250
pF
Reverse Transfer Capacitance
(VDS = 12.5 Vdc, VGS = 0 V, f = 1 MHz)
Crss
35
pF
RF CHARACTERISTICS (In Motorola Test Fixture)
Common–Source Amplifier Power Gain
(VDD = 12.5 Vdc, Pout = 50 Watts, IDQ = 500 mA)
f = 175 MHz
Gps
10
dB
Drain Efficiency
(VDD = 12.5 Vdc, Pout = 50 Watts, IDQ = 500 mA)
f = 175 MHz
η
50
%
Load Mismatch
(VDD = 15.6 Vdc, f = 175 MHz, 2 dB Input Overdrive, VSWR 20:1 at
All Phase Angles)
Ψ
No Degradation in Output Power
Before and After Test
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF1550T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1550FNT1 FREESCALE-MRF1550FNT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1550FNT1 FREESCALE-MRF1550FNT1 Datasheet
513Kb / 18P
   RF Power Field Effect Transistors
MRF1550FNT1 FREESCALE-MRF1550FNT1 Datasheet
465Kb / 18P
   RF Power Field Effect Transistors
MRF1550N FREESCALE-MRF1550N Datasheet
513Kb / 18P
   RF Power Field Effect Transistors
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF1550T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com