Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF5S19150SR3 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MRF5S19150SR3
Description  RF Power Field Effect Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF5S19150SR3 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MRF5S19150SR3 Datasheet HTML 2Page - Motorola, Inc MRF5S19150SR3 Datasheet HTML 3Page - Motorola, Inc MRF5S19150SR3 Datasheet HTML 4Page - Motorola, Inc MRF5S19150SR3 Datasheet HTML 5Page - Motorola, Inc MRF5S19150SR3 Datasheet HTML 6Page - Motorola, Inc MRF5S19150SR3 Datasheet HTML 7Page - Motorola, Inc MRF5S19150SR3 Datasheet HTML 8Page - Motorola, Inc MRF5S19150SR3 Datasheet HTML 9Page - Motorola, Inc MRF5S19150SR3 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MRF5S19150R3 MRF5S19150SR3
6
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
10
0
45
−70
−25
Gps
IM3
Pout, OUTPUT POWER (WATTS) AVG., N−CDMA
Figure 8. 2-Carrier N-CDMA ACPR, IM3, Power
Gain, Drain Efficiency versus Output Power
VDD = 28 Vdc, IDQ = 1400 mA
f1 = 1958.75 MHz, f2 = 1961.25 MHz
2 x N−CDMA, 2.5 MHz @ 1.2288 MHz Bandwidth
Peak/Avg. = 9.8 dB @ 0.01% Probability (CCDF)
ACPR
η
40
−30
35
−35
30
−40
25
−45
20
−50
15
−55
10
−60
5
−65
1
−100
0
f, FREQUENCY (MHz)
Figure 9. 2-Carrier N-CDMA Spectrum
−10
−20
−30
−40
−50
−60
−70
−80
−90
−ACPR @ 30 kHz
Integrated BW
+ACPR @ 30 kHz
Integrated BW
−IM3 @
1.2288 MHz
Integrated BW
+IM3 @
1.2288 MHz
Integrated BW
1.2288 MHz
Channel BW
6
1.5
4.5
3
0
−1.5
−3
−4.5
−6
−7.5
7.5
220
106
109
100
Figure 10. MTBF Factor versus Junction Temperature
108
107
120
140
160
180
200
TJ, JUNCTION TEMPERATURE (°C)
This above graph displays calculated MTBF in hours x ampere2
drain current. Life tests at elevated temperatures have correlated to
better than
±10% of the theoretical prediction for metal failure. Divide
MTBF factor by ID2 for MTBF in a particular application.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF5S19150SR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5S19150HR3 FREESCALE-MRF5S19150HR3 Datasheet
439Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S19150HR3 FREESCALE-MRF5S19150HR3 Datasheet
439Kb / 10P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5S19150HR3 FREESCALE-MRF5S19150HR3_08 Datasheet
439Kb / 10P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5S19150HSR3 FREESCALE-MRF5S19150HSR3 Datasheet
439Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF5S19150SR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com