Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2F-01FL2-A Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D2F-01FL2-A
Description  Incorporating a snapping mechanism made with two highly precise split springs that ensures long durability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2F-01FL2-A Datasheet(HTML) 2 Page - Omron Electronics LLC

  D2F-01FL2-A Datasheet HTML 1Page - Omron Electronics LLC D2F-01FL2-A Datasheet HTML 2Page - Omron Electronics LLC D2F-01FL2-A Datasheet HTML 3Page - Omron Electronics LLC D2F-01FL2-A Datasheet HTML 4Page - Omron Electronics LLC D2F-01FL2-A Datasheet HTML 5Page - Omron Electronics LLC D2F-01FL2-A Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
D2F
Ultra Subminiature Basic Switch
D
2
F
Contact Form
●SPDT
Contact Specifications
*
Please refer to "Using Micro Loads" in "Precautions" for more information
on the minimum applicable load.
Ratings
Note. The above rating values apply under the following test conditions.
(1) Ambient temperature: 20±2°C
(2) Ambient humidity: 65±5%
(3) Operating frequency: 30 operations/min
Approved Safety Standard
The items shown in the "List of Models" above are not standard approved models.
Consult your OMRON sales representative for specific models with standard approvals.
UL (UL1054) /CSA (CSA C22.2 No.55)
Characteristics
Hinge roller
lever
PCB terminals (Standard)
D2F-L2
D2F-FL2
D2F-01L2
D2F-01FL2
Self-clinching PCB terminals
D2F-L2-T
D2F-FL2-T
D2F-01L2-T
D2F-01FL2-T
PCB terminals (Right-angled)
D2F-L2-A
D2F-FL2-A
D2F-01L2-A
D2F-01FL2-A
PCB terminals (Left-angled)
D2F-L2-A1
D2F-FL2-A1
D2F-01L2-A1
D2F-01FL2-A1
Solder terminals
D2F-L2-D3
D2F-FL2-D3
D2F-01L2-D3
D2F-01FL2-D3
Compact solder terminals
D2F-L2-D
D2F-FL2-D
D2F-01L2-D
D2F-01FL2-D
Simulated roller
lever (R1.3)
PCB terminals (Standard)
D2F-L3
D2F-FL3
D2F-01L3
D2F-01FL3
Self-clinching PCB terminals
D2F-L3-T
D2F-FL3-T
D2F-01L3-T
D2F-01FL3-T
PCB terminals (Right-angled)
D2F-L3-A
D2F-FL3-A
D2F-01L3-A
D2F-01FL3-A
PCB terminals (Left-angled)
D2F-L3-A1
D2F-FL3-A1
D2F-01L3-A1
D2F-01FL3-A1
Solder terminals
D2F-L3-D3
D2F-FL3-D3
D2F-01L3-D3
D2F-01FL3-D3
Compact solder terminals
D2F-L3-D
D2F-FL3-D
D2F-01L3-D
D2F-01FL3-D
Simulated roller
lever (R2.5)
PCB terminals (Standard)
D2F-L30
D2F-FL30
D2F-01L30
D2F-01FL30
Self-clinching PCB terminals
D2F-L30-T
D2F-FL30-T
D2F-01L30-T
D2F-01FL30-T
PCB terminals (Right-angled)
D2F-L30-A
D2F-FL30-A
D2F-01L30-A
D2F-01FL30-A
PCB terminals (Left-angled)
D2F-L30-A1
D2F-FL30-A1
D2F-01L30-A1
D2F-01FL30-A1
Solder terminals
D2F-L30-D3
D2F-FL30-D3
D2F-01L30-D3
D2F-01FL30-D3
Compact solder terminals
D2F-L30-D
D2F-FL30-D
D2F-01L30-D
D2F-01FL30-D
Ratings
3 A
1 A
0.1 A
Maximum Operating Force (OF)
General Purpose
1.47 N {150 gf}
Low Operating Force
0.74 N {75 gf}
General Purpose
1.47 N {150 gf}
Low Operating Force
0.74 N {75 gf}
Actuator
Terminals
COM
NO NC
Item
Model
D2F models
D2F-01 models
Contact
Specifications
Crossbar
Material
Silver alloy
Gold alloy
Gap (standard value)
0.25 mm
Minimum applicable load (see note) *
100 mA at 5 VDC
1 mA at 5 VDC
Model
Maximum Operating
Force (OF)
Rated voltage
D2F models
D2F-01 models
1.47N (General-purpose)
0.74N (Low Operating Force)
1.47N (General-purpose)
0.74N (Low Operating Force)
Resistive load
125 VAC
3 A
1 A
-
30 VDC
2 A
0.5 A
0.1 A
Rated voltage
Model
D2F (General-purpose)
D2F (Low operating force)
D2F-01
125 VAC
3 A
1 A
-
30 VDC
2 A
0.5 A
0.1 A
Item
Model
D2F-01 models
D2F-F models
D2F models
Permissible operating speed
Pin plunger models: 1 mm to 500 mm/s,
Lever models: 5 mm to 500 mm/s
Permissible
operating
frequency
Mechanical
Pin plunger models: 200 operations/min,
Lever models: 100 operations/min
Electrical
30 operations/min
Insulation resistance
100 M
Ω min. (at 500 VDC with insulation tester)
Contact resistance (initial value)
100 m
Ω max.
50 m
Ω max.
30 m
Ω max.


Similar Part No. - D2F-01FL2-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2F-01FL2-A OMRON-D2F-01FL2-A Datasheet
703Kb / 8P
   Snap Action Switch
D2F-01FL2-A OMRON-D2F-01FL2-A Datasheet
852Kb / 6P
   Ultra Subminiature Basic Switch with plenty of terminal variations
D2F-01FL2-A1 OMRON-D2F-01FL2-A1 Datasheet
703Kb / 8P
   Snap Action Switch
D2F-01FL2-A1 OMRON-D2F-01FL2-A1 Datasheet
852Kb / 6P
   Ultra Subminiature Basic Switch with plenty of terminal variations
D2F-01FL2-A1D2F-01L2 OMRON-D2F-01FL2-A1D2F-01L2 Datasheet
852Kb / 6P
   Ultra Subminiature Basic Switch with plenty of terminal variations
More results

Similar Description - D2F-01FL2-A

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1942785 PHOENIX-1942785 Datasheet
123Kb / 4P
   Defined contact force ensures that contact remains stable over the long term
logo
Micronas
HAL1002 MICRONAS-HAL1002 Datasheet
400Kb / 29P
   Highly Precise Programmable Hall-Effect Switch
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
logo
Rohm
BA9743AFV-E ROHM-BA9743AFV-E Datasheet
4Mb / 17P
   A 2-channel ICs, incorporating a switching regulator controller that uses a pulse width modulation.
logo
Analog Devices
ADSP-2141L AD-ADSP-2141L_15 Datasheet
260Kb / 39P
   highly integrated embedded security processor that incorporates a sophisticated
REV. 0
logo
Broadcom Corporation.
BCM2051 BOARDCOM-BCM2051 Datasheet
35Kb / 2P
   HIGHLY LINEAR RECEIVE PATH ENSURES ROBUST, INTERFERENCE FREE OPERATION
logo
ZF Friedrichshafen AG
E51 ZFSWITCHES-E51 Datasheet
2Mb / 2P
   Long life coil spring mechanism
E61 ZFSWITCHES-E61 Datasheet
771Kb / 3P
   Long life coil spring mechanism
logo
Cherry Semiconductor Co...
E5300T CHERRY-E5300T Datasheet
2Mb / 2P
   Long life coil spring mechanism
logo
NXP Semiconductors
TDA3857 PHILIPS-TDA3857 Datasheet
110Kb / 14P
   Quasi-split sound processor with two FM demodulators
June 1994
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com