Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF19085R3 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRF19085R3
Description  RF Power Field Effect Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF19085R3 Datasheet(HTML) 1 Page - Motorola, Inc

  MRF19085R3 Datasheet HTML 1Page - Motorola, Inc MRF19085R3 Datasheet HTML 2Page - Motorola, Inc MRF19085R3 Datasheet HTML 3Page - Motorola, Inc MRF19085R3 Datasheet HTML 4Page - Motorola, Inc MRF19085R3 Datasheet HTML 5Page - Motorola, Inc MRF19085R3 Datasheet HTML 6Page - Motorola, Inc MRF19085R3 Datasheet HTML 7Page - Motorola, Inc MRF19085R3 Datasheet HTML 8Page - Motorola, Inc MRF19085R3 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
MRF19085R3 MRF19085LR3 MRF19085SR3 MRF19085LSR3
MOTOROLA RF DEVICE DATA
The RF MOSFET Line
RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs
Designed for PCN and PCS base station applications with frequencies from
1.9 to 2.0 GHz. Suitable for TDMA, CDMA and multicarrier amplifier
applications.
• Typical 2-Carrier N-CDMA Performance for VDD = 26 Volts,
IDQ = 850 mA, Pout = 18 Watts Avg., f1 = 1960 MHz, f2 = 1962.5 MHz
IS-95 CDMA (Pilot, Sync, Paging, Traffic Codes 8 Through 13)
1.2288 MHz Channel Bandwidth Carrier. Adjacent Channels Measured
over a 30 kHz Bandwidth at f1 -885 Khz and f2 +885 kHz. Distortion
Products Measured over 1.2288 MHz Bandwidth at f1 -2.5 MHz and
f2 +2.5 MHz. Peak/Avg. = 9.8 dB @ 0.01% Probability on CCDF.
Output Power — 18 Watts Avg.
Power Gain — 13.0 dB
Efficiency — 23%
ACPR — -51 dB
IM3 — -36.5 dBc
• Internally Matched, Controlled Q, for Ease of Use
• High Gain, High Efficiency and High Linearity
• Integrated ESD Protection
• Designed for Maximum Gain and Insertion Phase Flatness
• Capable of Handling 5:1 VSWR, @ 26 Vdc, 1.93 GHz, 90 Watts CW
Output Power
• Excellent Thermal Stability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Available with Low Gold Plating Thickness on Leads. L Suffix Indicates
40µ″ Nominal.
• In Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 Inch Reel.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
Vdc
Gate-Source Voltage
VGS
-0.5, +15
Vdc
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
273
1.56
Watts
W/°C
Storage Temperature Range
Tstg
- 65 to +150
°C
Operating Junction Temperature
TJ
200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value (1)
Unit
Thermal Resistance, Junction to Case
RθJC
0.79
°C/W
ESD PROTECTION CHARACTERISTICS
Test Conditions
Class
Human Body Model
1 (Minimum)
Machine Model
M3 (Minimum)
(1) Refer to AN1955/D, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.motorola.com/semiconductors/rf.
Select Documentation/Application Notes - AN1955.
NOTE - CAUTION - MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
Order this document
by MRF19085/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF19085R3
MRF19085LR3
MRF19085SR3
MRF19085LSR3
1990 MHz, 90 W, 26 V
LATERAL N-CHANNEL
RF POWER MOSFETs
CASE 465-06, STYLE 1
NI-780
MRF19085R3,MRF19085LR3
CASE 465A-06, STYLE 1
NI-780S
MRF19085SR3, MRF19085LSR3
Motorola, Inc. 2004
REV 6
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF19085R3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF19085 FREESCALE-MRF19085 Datasheet
421Kb / 12P
   RF Power Field Effect Transistors
MRF19085LR3 FREESCALE-MRF19085LR3 Datasheet
421Kb / 12P
   RF Power Field Effect Transistors
MRF19085LSR3 FREESCALE-MRF19085LSR3 Datasheet
421Kb / 12P
   RF Power Field Effect Transistors
More results

Similar Description - MRF19085R3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com