Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF19085SR3 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MRF19085SR3
Description  RF Power Field Effect Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF19085SR3 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MRF19085SR3 Datasheet HTML 2Page - Motorola, Inc MRF19085SR3 Datasheet HTML 3Page - Motorola, Inc MRF19085SR3 Datasheet HTML 4Page - Motorola, Inc MRF19085SR3 Datasheet HTML 5Page - Motorola, Inc MRF19085SR3 Datasheet HTML 6Page - Motorola, Inc MRF19085SR3 Datasheet HTML 7Page - Motorola, Inc MRF19085SR3 Datasheet HTML 8Page - Motorola, Inc MRF19085SR3 Datasheet HTML 9Page - Motorola, Inc MRF19085SR3 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MRF19085R3 MRF19085LR3 MRF19085SR3 MRF19085LSR3
6
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
−55
−50
−45
−40
−35
−30
−25
−20
10
100
4
−70
−60
−50
−40
−30
−20
−10
0
−5.00
−3.75
−2.50
−1.25
0.00
1.25
2.50
3.75
5.00
Figure 3. 2-Carrier N-CDMA Spectrum
f, FREQUENCY (MHz)
Figure 4. 2-Carrier N-CDMA ACPR, IM3, Power Gain and
Drain Efficiency versus Output Power
Figure 5. Intermodulation Distortion
Products versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
Figure 6. Third Order Intermodulation
Distortion versus Output Power and IDQ
Pout, OUTPUT POWER (WATTS Avg.) N−CDMA
f, FREQUENCY (MHz)
Figure 7. 2-Carrier N-CDMA Broadband
Performance
−IM3 @
1.2288 MHz BW
+IM3 @
1.2288 MHz BW
−ACPR @
30 kHz BW
+ACPR @
30 kHz BW
f1
1.2288 MHz BW
f2
1.2288 MHz BW
Figure 8. CW Performance
0
5
10
15
20
25
30
−70
−63
−56
−49
−42
−35
−28
110
30
0.5
IM3
Gps
ACPR
η
VDD = 26 Vdc, IDQ = 850 mA
f1 = 1958.75 MHz, f2 = 1961.25 MHz
1.2288 MHz Channel Bandwidth
Peak/Avg. = 9.8 @ 0.01% Probability (CCDF)
−70
−60
−50
−40
−30
−20
0
10
20
30
40
50
10
100
3rd Order
η
4
5th Order
7th Order
Pout, OUTPUT POWER (WATTS) PEP
1150 mA
850 mA
700 mA
IDQ = 550 mA
1000 mA
12
14
16
18
20
22
24
−60
−50
−40
−30
−20
−10
0
1930
1940
1950
1960
1970
1980
1990
VDD = 26 V
Pout = 18 W Avg.
IDQ = 850 mA
2−Carrier N−CDMA, 2.5 MHz Carrier Spacing
1.2288 MHz Channel Bandwidth
Peak/Avg. = 9.8 @ 0.01% Probability) (CCDF)
IM3
Gps
ACPR
η
IRL
Pout, OUTPUT POWER (WATTS)
0
2
4
6
8
10
12
14
5
12
19
26
33
40
47
54
10
100
2
140
VDD = 26 V
IDQ = 850 mA
f = 1960 MHz
Gps
P in
η
VDD = 26 Vdc
f = 1960 MHz
100 kHz Tone Spacing
VDD = 26 Vdc
IDQ = 850 mA
f1 = 1960 MHz
100 kHz Tone Spacing
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF19085SR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF19085 FREESCALE-MRF19085 Datasheet
421Kb / 12P
   RF Power Field Effect Transistors
MRF19085LR3 FREESCALE-MRF19085LR3 Datasheet
421Kb / 12P
   RF Power Field Effect Transistors
MRF19085LSR3 FREESCALE-MRF19085LSR3 Datasheet
421Kb / 12P
   RF Power Field Effect Transistors
More results

Similar Description - MRF19085SR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com