Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURD620CT Datasheet(PDF) 4 Page - International Rectifier

Part # MURD620CT
Description  Ultrafast Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MURD620CT Datasheet(HTML) 4 Page - International Rectifier

  MURD620CT Datasheet HTML 1Page - International Rectifier MURD620CT Datasheet HTML 2Page - International Rectifier MURD620CT Datasheet HTML 3Page - International Rectifier MURD620CT Datasheet HTML 4Page - International Rectifier MURD620CT Datasheet HTML 5Page - International Rectifier MURD620CT Datasheet HTML 6Page - International Rectifier MURD620CT Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MURD620CT
Bulletin PD-20737 rev. C 12/03
4
www.irf.com
Fig. 5 - Max. Allowable Case Temperature
Vs. Average Forward Current
Fig.6-Forward Power Loss Characteristics
(2) Formula used: T
C = TJ - (Pd + PdREV) x RthJC ;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D)
(see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = rated VR
Average Forward Current - IF
(AV)(A)
Average Forward Current - IF
(AV)(A)
Fig. 8 - Typical Stored Charge vs. di F /dt
Fig. 7 - Typical Reverse Recovery vs. di F /dt
di F/dt (A/µs )
di F /dt (A/µs )
120
130
140
150
160
170
180
0
12345
DC
Square wave (D = 0.50)
Rated Vr applied
see note (2)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
123
45
DC
RMS Limit
D = 0.01
D = 0.02
D = 0.05
D = 0.10
D = 0.20
D = 0.50
10
20
30
40
50
100
1000
IF = 3 A
IF = 6 A
R
J
J
V = 30V
T = 125˚C
T = 25˚C
0
20
40
60
80
100
120
140
100
1000
R
J
J
V = 30V
T = 125˚C
T = 25˚C
IF = 6 A
IF = 3 A


Similar Part No. - MURD620CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURD620CT MOTOROLA-MURD620CT Datasheet
87Kb / 4P
   ULTRAFAST RECTIFIERS 6 AMPERES 200 VOLTS
logo
ON Semiconductor
MURD620CT ONSEMI-MURD620CT Datasheet
61Kb / 4P
   SWITCHMODE Power Rectifier
August, 2004 ??Rev. 5
MURD620CT ONSEMI-MURD620CT Datasheet
54Kb / 4P
   ULTRAFAST RECTIFIER 6.0 AMPERES 200 VOLTS
February, 2006 ??Rev. 6
MURD620CT ONSEMI-MURD620CT Datasheet
101Kb / 4P
   SWITCHMODE Power Rectifier
January, 2011 ??Rev. 9
logo
Sangdest Microelectroni...
MURD620CT SMC-MURD620CT Datasheet
224Kb / 7P
   ULTRAFAST PLASTIC RECTIFIER
More results

Similar Description - MURD620CT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04PBF IRF-16CTU04PBF Datasheet
194Kb / 8P
   Ultrafast Rectifier
MUR1520 IRF-MUR1520_06 Datasheet
191Kb / 8P
   Ultrafast Rectifier
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
   ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
   Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
   Ultrafast Rectifier
logo
Solid States Devices, I...
RC0090 SSDI-RC0090 Datasheet
170Kb / 2P
   Ultrafast Rectifier
logo
Lucky Light Electronic
VS-MUR1620CTPBF LUCKY-LIGHT-VS-MUR1620CTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Kersemi Electronic Co.,...
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
   ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF5400G CHONGQING-UF5400G Datasheet
39Kb / 1P
   ULTRAFAST RECTIFIER
US1A CHONGQING-US1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com