Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MW4IC2230 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MW4IC2230
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MW4IC2230 Datasheet(HTML) 1 Page - Motorola, Inc

  MW4IC2230 Datasheet HTML 1Page - Motorola, Inc MW4IC2230 Datasheet HTML 2Page - Motorola, Inc MW4IC2230 Datasheet HTML 3Page - Motorola, Inc MW4IC2230 Datasheet HTML 4Page - Motorola, Inc MW4IC2230 Datasheet HTML 5Page - Motorola, Inc MW4IC2230 Datasheet HTML 6Page - Motorola, Inc MW4IC2230 Datasheet HTML 7Page - Motorola, Inc MW4IC2230 Datasheet HTML 8Page - Motorola, Inc MW4IC2230 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
MW4IC2230MBR1 MW4IC2230GMBR1
MOTOROLA RF DEVICE DATA
The Wideband IC Line
RF LDMOS Wideband Integrated
Power Amplifiers
The MW4IC2230 wideband integrated circuit is designed for W-CDMA base
station applications. It uses Motorola’s newest High Voltage (26 to 28 Volts)
LDMOS IC technology and integrates a multi-stage structure. Its wideband
On - Chip design makes it usable from 1600 to 2400 MHz. The linearity
performances cover all modulations for cellular applications: GSM, GSM
EDGE, TDMA, CDMA and W-CDMA.
Final Application
Typical Single-carrier W-CDMA Performance: VDD = 28 Volts, IDQ1 =
60 mA, IDQ2 = 350 mA, Pout = 5 Watts Avg., f = 2140 MHz, Channel
Bandwidth = 3.84 MHz, Peak/Avg. = 8.5 dB @ 0.01% Probability on
CCDF.
Power Gain — 31 dB
Drain Efficiency — 15%
ACPR @ 5 MHz = -45 dBc @ 3.84 MHz Bandwidth
Driver Application
Typical Single-carrier W-CDMA Performance: VDD = 28 Volts, IDQ1 =
60 mA, IDQ2 = 350 mA, Pout = 0.4 Watts Avg., f = 2140 MHz, Channel
Bandwidth = 3.84 MHz, Peak/Avg. = 8.5 dB @ 0.01% Probability on CCDF.
Power Gain — 31.5 dB
ACPR @ 5 MHz = -53.5 dBc @ 3.84 MHz Bandwidth
• Capable of Handling 3:1 VSWR, @ 28 Vdc, 2170 MHz, 5 Watts CW
Output Power
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• On-Chip Matching (50 Ohm Input, DC Blocked, >5 Ohm Output)
• Integrated Temperature Compensation with Enable/Disable Function
• On-Chip Current Mirror gm Reference FET for Self Biasing Application (1)
• Integrated ESD Protection
• Also Available in Gull Wing for Surface Mount
• In Tape and Reel. R1 Suffix = 500 Units per 44 mm, 13 inch Reel
Functional Block Diagram
PIN CONNECTIONS
(Top View)
GND
VDS1
RFin
VGS1
GND
VDS2
VDS3/
RFout
GND
VGS2
VGS3
GND
Quiescent Current
Temperature Compensation
3 Stages IC
VGS1
RFin
VDS2
VDS1
VGS2
VGS3
2
3
4
5
6
7
8
16
15
14
13
12
9
10
11
VDS3/RFout
1
NOTE: Exposed backside flag is source
terminal for transistors.
VRD1
VRG1
VRD1
VRG1
(1) Refer to AN1987/D, Quiescent Current Control for the RF Integrated Circuit Device Family. Go to http://www.motorola.com/semiconductors/rf.
Select Documentation/Application Notes - AN1987.
Order this document
by MW4IC2230/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2110-2170 MHz, 30 W, 28 V
SINGLE W-CDMA
RF LDMOS WIDEBAND
INTEGRATED POWER AMPLIFIERS
CASE 1329-09
TO-272 WB-16
PLASTIC
MW4IC2230MBR1
MW4IC2230MBR1
MW4IC2230GMBR1
CASE 1329A-03
TO-272 WB-16 GULL
PLASTIC
MW4IC2230GMBR1
Motorola, Inc. 2004
REV 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MW4IC2230

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MW4IC2230 NXP-MW4IC2230 Datasheet
767Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 5, 5/2006
MW4IC2230GMBR1 NXP-MW4IC2230GMBR1 Datasheet
767Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 5, 5/2006
logo
Freescale Semiconductor...
MW4IC2230GNBR1 FREESCALE-MW4IC2230GNBR1 Datasheet
702Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW4IC2230MBR1 NXP-MW4IC2230MBR1 Datasheet
767Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 5, 5/2006
logo
Freescale Semiconductor...
MW4IC2230NBR1 FREESCALE-MW4IC2230NBR1 Datasheet
702Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

Similar Description - MW4IC2230

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com