Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4898-2YRDZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4898-2YRDZ
Description  High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4898-2YRDZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4898-2YRDZ Datasheet HTML 4Page - Analog Devices ADA4898-2YRDZ Datasheet HTML 5Page - Analog Devices ADA4898-2YRDZ Datasheet HTML 6Page - Analog Devices ADA4898-2YRDZ Datasheet HTML 7Page - Analog Devices ADA4898-2YRDZ Datasheet HTML 8Page - Analog Devices ADA4898-2YRDZ Datasheet HTML 9Page - Analog Devices ADA4898-2YRDZ Datasheet HTML 10Page - Analog Devices ADA4898-2YRDZ Datasheet HTML 11Page - Analog Devices ADA4898-2YRDZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADA4898-1/ADA4898-2
Data Sheet
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1
10
100
FREQUENCY (MHz)
G = +1
RL = 1kΩ
VOUT = 100mV p-p
VS = ±15V
VS = ±5V
Figure 13. Small Signal Frequency Response for Various Supply Voltages
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
FREQUENCY (MHz)
G = +1
RL = 1kΩ
VOUT = 100mV p-p
VS = ±15V
CL = 33pF
CL = 15pF
CL = 5pF
CL = 0pF
Figure 14. Small Signal Frequency Response for Various Capacitive Loads
0.1
1
10
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 15. Voltage Noise vs. Frequency
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1
10
100
FREQUENCY (MHz)
VS = ±15V
G = +1
RL = 1kΩ
VOUT = 2V p-p
VS = ±5V
Figure 16. Large Signal Frequency Response for Various Supply Voltages
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
100k
1M
10M
FREQUENCY (Hz)
G = +2
RL = 1kΩ
VS = ±15V
VOUT = 2V p-p
VOUT = 0.1V p-p
Figure 17. 0.1 dB Flatness for Various Output Voltages
FREQUENCY (Hz)
1
1
10
100
10
100
1k
10k
100k
Figure 18. Input Current Noise vs. Frequency
Rev. E | Page 8 of 20


Similar Part No. - ADA4898-2YRDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4898-2YRDZ AD-ADA4898-2YRDZ Datasheet
408Kb / 20P
   High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
REV. D
ADA4898-2YRDZ-R7 AD-ADA4898-2YRDZ-R7 Datasheet
408Kb / 20P
   High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
REV. D
ADA4898-2YRDZ-RL AD-ADA4898-2YRDZ-RL Datasheet
408Kb / 20P
   High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
REV. D
More results

Similar Description - ADA4898-2YRDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4898-1 AD-ADA4898-1 Datasheet
432Kb / 16P
   High Voltage, Low Noise, Low Distortion, Unity Gain Stable, High Speed Op Amp
REV. 0
ADA4898-2YRDZ AD-ADA4898-2YRDZ Datasheet
408Kb / 20P
   High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
REV. D
ADA4899-1 AD-ADA4899-1_16 Datasheet
695Kb / 21P
   Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
ADA4899-1 AD-ADA4899-1_07 Datasheet
650Kb / 20P
   Unity-Gain Stable, Ultralow Distortion, 1 nV/?숰z Voltage Noise, High Speed Op Amp
REV. B
ADA4899-1 AD-ADA4899-1 Datasheet
617Kb / 20P
   Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
REV. A
ADA4857-1 AD-ADA4857-1 Datasheet
584Kb / 20P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
REV. 0
ADA4857-1 AD-ADA4857-1_17 Datasheet
552Kb / 21P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
logo
Intersil Corporation
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
   Triple Low-Power 60MHz Unity-Gain Stable Op Amp
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Intersil Corporation
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com