Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210C104K2GACTU Datasheet(PDF) 4 Page - Kemet Corporation

Part # C1210C104K2GACTU
Description  C0G Dielectric, 10 ??200 VDC (Commercial Grade)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C104K2GACTU Datasheet(HTML) 4 Page - Kemet Corporation

  C1210C104K2GACTU Datasheet HTML 1Page - Kemet Corporation C1210C104K2GACTU Datasheet HTML 2Page - Kemet Corporation C1210C104K2GACTU Datasheet HTML 3Page - Kemet Corporation C1210C104K2GACTU Datasheet HTML 4Page - Kemet Corporation C1210C104K2GACTU Datasheet HTML 5Page - Kemet Corporation C1210C104K2GACTU Datasheet HTML 6Page - Kemet Corporation C1210C104K2GACTU Datasheet HTML 7Page - Kemet Corporation C1210C104K2GACTU Datasheet HTML 8Page - Kemet Corporation C1210C104K2GACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1003_C0G • 4/30/2014
4
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 200 VDC (Commercial Grade)
Table 1A – Capacitance Range/Selection Waterfall (0201 – 1206 Case Sizes)
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91).
xx¹ Available only in D, J, K,M tolerance
xx² Available only in J, K, M tolerance.
These products are protected under US Patents 7,172,985 & 7,670,981, other patents pending, and any foreign counterparts.
Cap
Cap
Code
Case Size/
Series
C0201C
C0402C
C0603C
C0805 C
C1206C
Voltage Code
8 4 3 8 4 3 5 1 2 A 8 4 3 5 1 2 A 8 4 3 5 1 2 A 8 4 3 5 1 2 A
Rated Voltage (VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
0.50 & 0.75 pF
508 & 758 B C D
BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
0.75 pF
758
B C D
BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
1.0– 9.1 pF*
109 – 919* B C D
BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
10 pF
100
F G J K M AB¹ AB¹ AB¹ BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
11 pF
110
F G J K M
BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
12 pF
120
F G J K M AB² AB² AB² BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
13 pF
130
F G J K M
BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
15 pF
150
F G J K M AB² AB² AB² BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
16 pF
160
F G J K M
BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
18 pF
180
F G J K M AB² AB² AB² BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
20 pF
200
F G J K M
BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
22 pF
220
F G J K M AB² AB² AB² BB BB BB BB
CB CB CB CB CB CB
DJ DJ DJ DJ DC DC
EB EB EB EB EB EB
24 pF
240
F G J K M
BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
27 pF
270
F G J K M AB² AB² AB² BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
30 pF
300
F G J K M
BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
33 pF
330
F G J K M AB² AB² AB² BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
36 pF
360
F G J K M
BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
39 pF
390
F G J K M AB² AB² AB² BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
43 pF
430
F G J K M
BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
47 pF
470
F G J K M AB² AB² AB² BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
51 pF
510
F G J K M
BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
56 pF
560
F G J K M AB² AB² AB² BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
62 pF
620
F G J K M
BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
68 pF
680
F G J K M AB² AB² AB² BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
75 pF
750
F G J K M
BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
82 pF
820
F G J K M AB² AB² AB² BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
91 pF
910
F G J K M
BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
100 pF
101
F G J K M AB² AB² AB² BB BB BB BB BB BB BB CB CB CB CF CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
110 – 180 pF*
111 – 181*
F G J K M
BB BB BB BB BB BB BB CB CB CB CB CB CB
DC DC DC DC DC DC
EB EB EB EB EB EB
200 pF
201
F G J K M
BB BB BB BB BB BB BB CB CB CB CB CB CB CB DC DC DC DC DC DC
EB EB EB EB EB EB
220 pF
221
F G J K M
BB BB BB BB BB BB BB CB CB CB CB CB CB CB DC DC DC DC DC DC
EB EB EB EB EB EB
240 pF
241
F G J K M
BB BB BB BB BB BB BB CB CB CB CB CB CB CB DC DC DC DC DC DC
EB EB EB EB EB EB
270 pF
271
F G J K M
BB BB BB BB BB BB BB CB CB CB CB CB CB CB DC DC DC DC DC DC
EB EB EB EB EB EB
300 pF
301
F G J K M
BB BB BB BB BB BD BD CB CB CB CB CB CB CB DC DC DC DC DC DC
EB EB EB EB EB EB
330 pF
331
F G J K M
BB BB BB BB BB BD BD CB CB CB CF CB CB CB DC DC DC DC DC DC
EB EB EB EB EB EB
360 pF
361
F G J K M
BB BB BB BB BB
CB CB CB CB CB CB CB DC DC DC DC DC DC
EB EB EB EB EB EB
390 pF
391
F G J K M
BB BB BB BB BB
CB CB CB CB CB CB CB DC DC DC DC DC DC
EB EB EB EB EB EB
430 pF
431
F G J K M
BB BB BB BB BB
CB CB CB CB CB CB CB DC DC DC DC DC DC
EB EB EB EB EB EB
470 pF
471
F G J K M
BB BB BB BB BB
CB CB CB CB CB CB CB DC DC DC DC DC DD
EB EB EB EB EB EB
510 pF
511
F G J K M
BB BB BB BB BB
CB CB CB CB CB CB CB DC DC DC DC DC DC
EB EB EB EB EB EB
560 pF
561
F G J K M
BB BB BB BB BB
CB CB CB CB CB CB CB DC DC DC DC DC DC
EB EB EB EB EB EB
620 pF
621
F G J K M
BB BB BB BB BB
CB CB CB CB CB CB CB DC DC DC DC DC DC
EB EB EB EB EB EB
680 pF
681
F G J K M
BB BB BB BB BB
CB CB CB CB CB CB CB DC DC DC DC DC DC
EB EB EB EB EB EB
750 pF
751
F G J K M
BB BB BB BB BB
CB CB CB CB CB CB CB DC DC DC DC DC DC
EB EB EB EB EB EB
820 pF
821
F G J K M
BB BB BB BB BB
CB CB CB CB CB CB CB DC DC DC DC DC DC
EB EB EB EB EB EB
910 pF
911
F G J K M
BB BB BB BB BB
CB CB CB CB CB CB CB DC DC DC DC DD DD
EB EB EB EB EB EB
1,000 pF
102
F G J K M
BB BB BB BB BB
CB CB CB CB CB CB CB DC DC DC DC DD DD
EB EB EB EB EB EB
1,100 pF
112
F G J K M
BB BB BB BB
CB CB CB CB CB CH CH DC DC DC DC DC DC DC EB EB EB EB EB EB
1,200 pF
122
F G J K M
BB BB BB BB
CB CB CB CB CB CH CH DC DC DC DC DC DC DC EB EB EB EB EB EB
1,300 pF
132
F G J K M
BB BB BB BB
CB CB CB CB CB CH CH DD DD DD DD DD DC DC EB EB EB EB EC EC
Cap
Cap
Code
Rated Voltage (VDC)
Voltage Code
8 4 3 8 4 3 5 1 2 A 8 4 3 5 1 2 A 8 4 3 5 1 2 A 8 4 3 5 1 2 A
Case Size/Series C0201C
C0402C
C0603C
C0805C
C1206C


Similar Part No. - C1210C104K2GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C104K2GACTU KEMET-C1210C104K2GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
More results

Similar Description - C1210C104K2GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0603C101J1GAC KEMET-C0603C101J1GAC Datasheet
797Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C473K3GACTU KEMET-C0805C473K3GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C519K5GACTU KEMET-C0805C519K5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C101J5GACTU KEMET-C0402C101J5GACTU Datasheet
795Kb / 18P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
C1206C104J3GACTU KEMET-C1206C104J3GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C1206C104J3GALTU KEMET-C1206C104J3GALTU Datasheet
1Mb / 20P
   Commercial ?쏬??Series, SnPb Termination, C0G Dielectric 10 ??250 VDC (Commercial Grade)
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com