Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXD1815UR Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MXD1815UR
Description  Low-Power UP Reset Circuits in 3-Pin
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1815UR Datasheet(HTML) 1 Page - Maxim Integrated Products

  MXD1815UR Datasheet HTML 1Page - Maxim Integrated Products MXD1815UR Datasheet HTML 2Page - Maxim Integrated Products MXD1815UR Datasheet HTML 3Page - Maxim Integrated Products MXD1815UR Datasheet HTML 4Page - Maxim Integrated Products MXD1815UR Datasheet HTML 5Page - Maxim Integrated Products MXD1815UR Datasheet HTML 6Page - Maxim Integrated Products MXD1815UR Datasheet HTML 7Page - Maxim Integrated Products MXD1815UR Datasheet HTML 8Page - Maxim Integrated Products MXD1815UR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MXD1810–MXD1813/MXD1815–MXD1818 family of
microprocessor (µP) reset circuits monitor power sup-
plies in µP and digital systems. These devices provide
excellent circuit reliability and low cost by eliminating
external components and adjustments when used with
+2.5V/+3.0V/+3.3V (MXD1815–MXD1818), and +5V
(MXD1810–MXD1813) systems.
These circuits assert a reset signal whenever the VCC
supply voltage declines below a preset threshold,
keeping reset asserted for at least 100ms after VCC
rises above the reset threshold. The MXD1813/
MXD1818 also keep reset asserted for at least 100ms
after the output is momentarily pulled to GND by an
external push-button switch.
The MXD1812/MXD1817 have an active-high push-pull
RESET output. The MXD1810/MXD1815 (push-pull) and
MXD1811/MXD1813/MXD1816/MD1818 (open-drain)
have an active-low RESET output. The open-drain
devices (MXD1811/MXD1813/MXD1816/MXD1818)
have an internal pullup resistor to VCC. The
MXD1813/MXD1818 feature a debounced manual reset
feature that asserts a reset if the RESET pin is pulled
low for more than 1.5µs. When used to initiate manual
reset, RESET debounces signals from devices such as
mechanical switches. For devices with this feature, the
release of the external switch triggers the reset period.
The MXD1810–MXD1813/MXD1815–MXD1818 are
guaranteed to output the correct logic state for VCC
down to +1V. These ICs provide a reset comparator
designed to ignore fast transients on VCC. Reset
thresholds are available between +2.18V and +4.62V.
These small, low-power (4µA) devices are ideal for use
in portable equipment. All are available in space-saving
3-pin SC70 and SOT23 packages, and are specified
from -40°C to +105°C.
Applications
Computers and Controllers
Intelligent Instruments
Set-Top Boxes
Printers
Automotive Systems
Critical µP and µC Monitoring
Portable/Battery-Powered Equipment
Features
o Precision Monitoring of +2.5V, +3V, +3.3V, and
+5V Power-Supply Voltages
o Available in Four Reset Output Configurations
o Factory-Set Reset Threshold Voltages: 2.18V,
2.31V, 2.55V, 2.88V, 3.06V, 4.12V, 4.37V, 4.62V
o ±2.5% Reset Threshold Accuracy Over
Temperature
o Fixed Reset Timeout Period: 100ms (min)
o Guaranteed RESET/RESET Valid to VCC = +1V
o Debounced Manual Reset Detect
(MXD1813/MXD1818)
o Power-Supply Transient Immunity
o No External Components
o Low Power Consumption (4µA)
o Pin Compatible with DS181_ Products (SOT23)
o 3-Pin SC70 and SOT23 Packages
Low-Power µP Reset Circuits in 3-Pin
SC70/SOT23
________________________________________________________________ Maxim Integrated Products
1
RESET
(RESET)
1
3
GND
VCC
MXD181_X
SC70-3
TOP VIEW
2
() ARE FOR THE MXD1812/MXD1817
RESET
(RESET)
1
3
GND
VCC
MXD181_U
SOT23-3
2
Pin Configurations
Ordering Information
19-2243; Rev 0; 10/01
Ordering Information continued at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP. RANGE
PIN-PACKAGE
MXD1810UR_ _-T
-40
oC to +105oC
3 SOT23-3
MXD1810XR_ _-T
-40
oC to +105oC
3 SC70-3
The MXD1810–MXD1813/MXD1815–MXD1818 are available
with factory-set VCC reset thresholds from +2.18V to +3.06V
(MXD1815–MXD1818) and +4.12V to +4.62V (MXD1810–
MXD1813). Choose the desired reset-threshold suffix from the
Reset Threshold Table and insert it in place of the “_ _” follow-
ing “R” in the part number. All devices are available in tape-
and-reel only in 2500 unit increments. Other threshold voltages
may be available. Contact factory for availability.
*Patent pending


Similar Part No. - MXD1815UR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000C/D__ MAXIM-MXD1000C/D__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000PA__ MAXIM-MXD1000PA__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000PD__ MAXIM-MXD1000PD__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000SA__ MAXIM-MXD1000SA__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
More results

Similar Description - MXD1815UR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800_11 Datasheet
130Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
Rev 3; 10/11
MAX6800 MAXIM-MAX6800_05 Datasheet
550Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
19-1933 Rev 2; 12/05
MAX6332 MAXIM-MAX6332_05 Datasheet
147Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
logo
Vishay Siliconix
GS6332 VISHAY-GS6332 Datasheet
56Kb / 6P
   3 Pin, Low-Power, P Reset Circuits
22-May-02
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
   3-Pin, Low-Power 關P Reset Circuits
2016
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
   4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com