Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXD1815XR Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MXD1815XR
Description  Low-Power UP Reset Circuits in 3-Pin
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1815XR Datasheet(HTML) 3 Page - Maxim Integrated Products

  MXD1815XR Datasheet HTML 1Page - Maxim Integrated Products MXD1815XR Datasheet HTML 2Page - Maxim Integrated Products MXD1815XR Datasheet HTML 3Page - Maxim Integrated Products MXD1815XR Datasheet HTML 4Page - Maxim Integrated Products MXD1815XR Datasheet HTML 5Page - Maxim Integrated Products MXD1815XR Datasheet HTML 6Page - Maxim Integrated Products MXD1815XR Datasheet HTML 7Page - Maxim Integrated Products MXD1815XR Datasheet HTML 8Page - Maxim Integrated Products MXD1815XR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Low-Power µP Reset Circuits in 3-Pin
SC70/SOT23
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = full range, TA = -40°C to +105°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
Note 1: Production testing done at TA = +25°C; limits over temperature guaranteed by design.
Note 2: The MXD1811/MXD1813/MXD1816/MXD1818 have an internal pullup resistor which may deliver 1mA of sink current.
Note 3: Guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH
0 < IOH < 500µA
VCC -
0.5
VCC -
0.1
V
Output Capacitance (Note 2)
COUT
10
pF
MXD1811/MXD1816
3.5
5.5
7.5
Internal Pullup Resistor
Open-Drain
RP
MXD1813/MXD1818
3.1
5.5
7.5
k
0
2
6
4
8
10
-40
20
-10
50
80
110
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
RESET/RESET NOT ASSERTED
VCC = +2.5V
VCC = +3.3V
VCC = +5V
140
148
144
156
152
160
-40
20
50
-10
80
110
RESET TIMEOUT PERIOD
vs. TEMPERATURE (VCC RISING)
TEMPERATURE (
°C)
VCC = +5V
VCC = +2.5V
1.010
1.005
1.000
0.995
0.990
-40
50
-10
20
80
110
NORMALIZED RESET THRESHOLD
vs. TEMPERATURE (VCC FALLING)
TEMPERATURE (
°C)
VTH = +4.62V
VTH = +2.18V
0
1.0
0.5
2.0
1.5
2.5
3.0
-40
20
50
-10
80
110
POWER-DOWN RESET DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
VTH = +4.62V
VTH = +2.18V
100
0
10
100
1000
MAXIMUM TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
20
10
RESET THRESHOLD OVERDRIVE, VTH - VCC (mV)
40
30
60
70
50
80
90
RESET OCCURS
ABOVE THIS LINE
0
40
120
80
160
200
06
3
9
12
15
OUTPUT VOLTAGE
vs. OUTPUT SINK CURRENT
OUTPUT CURRENT (mA)
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MXD1815XR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000C/D__ MAXIM-MXD1000C/D__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000PA__ MAXIM-MXD1000PA__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000PD__ MAXIM-MXD1000PD__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000SA__ MAXIM-MXD1000SA__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
More results

Similar Description - MXD1815XR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800_11 Datasheet
130Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
Rev 3; 10/11
MAX6800 MAXIM-MAX6800_05 Datasheet
550Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
19-1933 Rev 2; 12/05
MAX6332 MAXIM-MAX6332_05 Datasheet
147Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
logo
Vishay Siliconix
GS6332 VISHAY-GS6332 Datasheet
56Kb / 6P
   3 Pin, Low-Power, P Reset Circuits
22-May-02
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
   3-Pin, Low-Power 關P Reset Circuits
2016
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
   4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com