Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39C601 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # MB39C601
Description  High power factor in single conversion
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C601 Datasheet(HTML) 5 Page - Cypress Semiconductor

  MB39C601 Datasheet HTML 1Page - Cypress Semiconductor MB39C601 Datasheet HTML 2Page - Cypress Semiconductor MB39C601 Datasheet HTML 3Page - Cypress Semiconductor MB39C601 Datasheet HTML 4Page - Cypress Semiconductor MB39C601 Datasheet HTML 5Page - Cypress Semiconductor MB39C601 Datasheet HTML 6Page - Cypress Semiconductor MB39C601 Datasheet HTML 7Page - Cypress Semiconductor MB39C601 Datasheet HTML 8Page - Cypress Semiconductor MB39C601 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Document Number: 002-08393 Rev.*A
Page 5 of 37
MB39C601
4. Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Min
Max
Power supply voltage
VVDD
VDD pin
-0.3
+25.0
V
Input voltage
VDRN
DRN pin
-
+20.0
V
VVCG
VCG pin
-0.3
+16.0
V
VTZE
TZE pin
-0.3
+6.0
V
VOTM
OTM pin
-0.3
+6.0
V
VPCL
PCL pin
-0.3
+6.0
V
VFB
FB pin
-0.3
+2.0
V
Input current
IVCG
VCG pin
-
10
mA
IOTM
OTM pin
-1
0
mA
IPCL
PCL pin
-1
0
mA
IFB
FB pin
0
1
mA
Output current
IDRN
DRN pin
-
800
mA
IDRN
DRN pin,
Pulsed 400ns, 2% duty cycle
-1.5
+6.0
A
Power dissipation
PD
Ta
≤ +25°C
-
800*
mW
Storage temperature
TSTG
-55
+125
°C
*:The value when using two layers PCB.
Reference: θja (wind speed 0m/s): 125°C/W
WARNING:
Semiconductor devices may be permanently damaged by application of stress (including, without limitation, voltage,
current or temperature) in excess of absolute maximum ratings.
Do not exceed any of these ratings.


Similar Part No. - MB39C601

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
MB39C602PNF CYPRESS-MB39C602PNF Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
MB39C603 CYPRESS-MB39C603 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
MB39C603PF-G-JNE1 CYPRESS-MB39C603PF-G-JNE1 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
MB39C603PF-G-JNEFE1 CYPRESS-MB39C603PF-G-JNEFE1 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
More results

Similar Description - MB39C601

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30001 ONSEMI-NCL30001_15 Datasheet
287Kb / 31P
   High-Efficiency Single Stage Power Factor Correction
February, 2015 ??Rev. 1
logo
Unisonic Technologies
L8565 UTC-L8565 Datasheet
380Kb / 13P
   HIGH PERFORMANCE POWER FACTOR CORRECTION CONTROLLER IN CONTINUOUS
logo
ON Semiconductor
NCP1651D ONSEMI-NCP1651D Datasheet
785Kb / 32P
   Single Stage Power Factor Controller
December, 2010 -- Rev. 9
NCP1651 ONSEMI-NCP1651 Datasheet
57Kb / 8P
   Single Stage Power Factor Controller
December, 2004 ??Rev. 5
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
Texas Instruments
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC1853 TI-UC1853 Datasheet
204Kb / 6P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI1-UC1854_16 Datasheet
313Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com