Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39C601 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # MB39C601
Description  High power factor in single conversion
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C601 Datasheet(HTML) 3 Page - Cypress Semiconductor

  MB39C601 Datasheet HTML 1Page - Cypress Semiconductor MB39C601 Datasheet HTML 2Page - Cypress Semiconductor MB39C601 Datasheet HTML 3Page - Cypress Semiconductor MB39C601 Datasheet HTML 4Page - Cypress Semiconductor MB39C601 Datasheet HTML 5Page - Cypress Semiconductor MB39C601 Datasheet HTML 6Page - Cypress Semiconductor MB39C601 Datasheet HTML 7Page - Cypress Semiconductor MB39C601 Datasheet HTML 8Page - Cypress Semiconductor MB39C601 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Document Number: 002-08393 Rev.*A
Page 3 of 37
MB39C601
1. Pin Assignment
(TOP VIEW)
(FPT-8P-M02)
2. Pin Descriptions
Pin No.
Pin Name
I/O
Description
1
FB
I
Switching frequency setting pin.
2
TZE
I
Transformer auxiliary winding zero energy detecting pin.
3
PCL
I
Pin for controlling peak current of transformer primary winding.
4
OTM
I
On-time setting pin.
5
VCG
-
External MOSFET gate bias pin.
6
DRN
O
External MOSFET source connection pin.
7
GND
-
Ground pin.
8
VDD
-
Power supply pin.
4
3
2
1
OTM
PCL
TZE
VDD
FB
VCG
GND
DRN
5
6
7
8


Similar Part No. - MB39C601

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
MB39C602PNF CYPRESS-MB39C602PNF Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
MB39C603 CYPRESS-MB39C603 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
MB39C603PF-G-JNE1 CYPRESS-MB39C603PF-G-JNE1 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
MB39C603PF-G-JNEFE1 CYPRESS-MB39C603PF-G-JNEFE1 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
More results

Similar Description - MB39C601

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30001 ONSEMI-NCL30001_15 Datasheet
287Kb / 31P
   High-Efficiency Single Stage Power Factor Correction
February, 2015 ??Rev. 1
logo
Unisonic Technologies
L8565 UTC-L8565 Datasheet
380Kb / 13P
   HIGH PERFORMANCE POWER FACTOR CORRECTION CONTROLLER IN CONTINUOUS
logo
ON Semiconductor
NCP1651D ONSEMI-NCP1651D Datasheet
785Kb / 32P
   Single Stage Power Factor Controller
December, 2010 -- Rev. 9
NCP1651 ONSEMI-NCP1651 Datasheet
57Kb / 8P
   Single Stage Power Factor Controller
December, 2004 ??Rev. 5
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
Texas Instruments
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC1853 TI-UC1853 Datasheet
204Kb / 6P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI1-UC1854_16 Datasheet
313Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com