Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F616K Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # MB95F616K
Description  F2MC-8FX CPU core
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F616K Datasheet(HTML) 5 Page - Cypress Semiconductor

  MB95F616K Datasheet HTML 1Page - Cypress Semiconductor MB95F616K Datasheet HTML 2Page - Cypress Semiconductor MB95F616K Datasheet HTML 3Page - Cypress Semiconductor MB95F616K Datasheet HTML 4Page - Cypress Semiconductor MB95F616K Datasheet HTML 5Page - Cypress Semiconductor MB95F616K Datasheet HTML 6Page - Cypress Semiconductor MB95F616K Datasheet HTML 7Page - Cypress Semiconductor MB95F616K Datasheet HTML 8Page - Cypress Semiconductor MB95F616K Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 5 of 110
PRELIMINARY
MB95610H Series
(Continued)
Part number
Parameter
MB95F613H
MB95F614H
MB95F616H
MB95F613K
MB95F614K
MB95F616K
UART/SIO
2 channels
• Data transfer with UART/SIO is enabled.
• It has a full duplex double buffer, variable data length (5/6/7/8 bits), an internal baud rate generator and an error
detection function.
• It uses the NRZ type transfer format.
• LSB-first data transfer and MSB-first data transfer are available to use.
• Both clock asynchronous (UART) serial data transfer and clock synchronous (SIO) serial data transfer are enabled.
I2C bus
interface
1 channel
• Master/slave transmission and receiving
• It has the following functions: bus error function, arbitration function, transmission direction detection function,
wake-up function, and functions of generating and detecting repeated START conditions.
8/16-bit PPG
2 channels
• Each channel can be used as an “8-bit timer
 2 channels” or a “16-bit timer  1 channel”.
• The counter operating clock can be selected from eight clock sources.
16-bit reload timer
1 channel
• Two clock modes and two counter operating modes are available to use.
• It can output square wave.
• Count clock: it can be selected from internal clocks (seven types) and external clocks.
• Two counter operating modes: reload mode and one-shot mode
Event counter
By configuring the 16-bit reload timer and 8/16-bit composite timer ch. 1, the event count function can be
implemented. When the event counter function is used, the 16-bit reload timer and 8/16-bit composite timer ch. 1
become unavailable.
LCDC controller
(LCDC)
• COM output: 4 or 8 (max) (selectable)
• SEG output: 48 or 52 (max) (selectable)
- If the number of COM outputs is 4, the maximum number of SEG outputs is 52, and the maximum number of
pixels that can be displayed 208 (4
 52).
- If the number of COM outputs is 8, the maximum number of SEG outputs is 48, and the maximum number of
pixels that can be displayed 384 (8
 48).
• Duty LCD mode
• LCD standby mode
• Blinking function
• Internal divider resistor whose resistance value can be selected from 10 k
 or 100 k through software
• Interrupt in sync with the LCD module frame frequency
• Inverted display function
Watch counter
• Count clock: four selectable clock sources (125 ms, 250 ms, 500 ms or 1 s)
• The counter value can be selected from 0 to 63. (The watch counter can count for one minute when the clock
source is one second and the counter value is set to 60.)
Watch prescaler
Eight different time intervals can be selected.


Similar Part No. - MB95F616K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95F632H CYPRESS-MB95F632H Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95F632HP-G-SH-SNE2 CYPRESS-MB95F632HP-G-SH-SNE2 Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95F632HPMC-G-SNE2 CYPRESS-MB95F632HPMC-G-SNE2 Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95F632HWQN-G-SNE1 CYPRESS-MB95F632HWQN-G-SNE1 Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95F632K CYPRESS-MB95F632K Datasheet
4Mb / 102P
   F2MC-8FX CPU core
More results

Similar Description - MB95F616K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95630H CYPRESS-MB95630H Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95650L CYPRESS-MB95650L Datasheet
11Mb / 105P
   F2MC-8FX CPU core
logo
Fujitsu Component Limit...
MB95F168JAPMC1-GE1 FUJITSU-MB95F168JAPMC1-GE1 Datasheet
530Kb / 21P
   F2MC-8FX MB95160MA Series
logo
Cypress Semiconductor
MB95200H CYPRESS-MB95200H Datasheet
2Mb / 66P
   F2MC-8FX 8-bit Microcontroller
MB95220H CYPRESS-MB95220H Datasheet
2Mb / 58P
   F2MC-8FX 8-bit Microcontroller
MB96650 CYPRESS-MB96650 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96630 CYPRESS-MB96630 Datasheet
1Mb / 69P
   F2MC-16FX CPU
MB96620 CYPRESS-MB96620 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96680 CYPRESS-MB96680 Datasheet
1Mb / 68P
   F2MC-16FX CPU
MB95F394H CYPRESS-MB95F394H Datasheet
2Mb / 72P
   CMOS F2MC-8FX MB95390H Series 8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com