Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB88155PFT-G-101 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # MB88155PFT-G-101
Description  Input frequency : 12.5 MHz to 50 MHz (Multiplied by 1)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB88155PFT-G-101 Datasheet(HTML) 5 Page - Cypress Semiconductor

  MB88155PFT-G-101 Datasheet HTML 1Page - Cypress Semiconductor MB88155PFT-G-101 Datasheet HTML 2Page - Cypress Semiconductor MB88155PFT-G-101 Datasheet HTML 3Page - Cypress Semiconductor MB88155PFT-G-101 Datasheet HTML 4Page - Cypress Semiconductor MB88155PFT-G-101 Datasheet HTML 5Page - Cypress Semiconductor MB88155PFT-G-101 Datasheet HTML 6Page - Cypress Semiconductor MB88155PFT-G-101 Datasheet HTML 7Page - Cypress Semiconductor MB88155PFT-G-101 Datasheet HTML 8Page - Cypress Semiconductor MB88155PFT-G-101 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Document Number: 002-08298 Rev. *A
Page 5 of 27
MB88155
4. I/O Circuit Type
(Continued)
Pin
Circuit type
Remarks
SEL,
XPD
CMOS hysteresis input
ENS
CMOS hysteresis input with pull-up
resistor of 50 k
 (Typ)
REFOUT
CMOS output
IOL
3 mA
“L” output at power-down
50 k
Ω


Similar Part No. - MB88155PFT-G-101

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88155PFTG-100-JN-EFE1 FUJITSU-MB88155PFTG-100-JN-EFE1 Datasheet
216Kb / 24P
   Spread Spectrum Clock Generator
MB88155PFTG-100-JN-ERE1 FUJITSU-MB88155PFTG-100-JN-ERE1 Datasheet
216Kb / 24P
   Spread Spectrum Clock Generator
MB88155PFTG-100-JNE1 FUJITSU-MB88155PFTG-100-JNE1 Datasheet
216Kb / 24P
   Spread Spectrum Clock Generator
MB88155PFTG-101-JN-EFE1 FUJITSU-MB88155PFTG-101-JN-EFE1 Datasheet
216Kb / 24P
   Spread Spectrum Clock Generator
MB88155PFTG-101-JN-ERE1 FUJITSU-MB88155PFTG-101-JN-ERE1 Datasheet
216Kb / 24P
   Spread Spectrum Clock Generator
More results

Similar Description - MB88155PFT-G-101

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A1014 PASTERNACK-PE15A1014 Datasheet
428Kb / 6P
   50 MHz to 1 GHz Frequency Range
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
   50 MHz to 1000 MHz Frequency Range
logo
KR Electronics, Inc.
2894 KR-2894 Datasheet
41Kb / 2P
   50 MHz Cutoff Frequency
logo
Silicon Laboratories
SIM3L1XX SILABS-SIM3L1XX Datasheet
2Mb / 91P
   50 MHz maximum frequency
logo
Pasternack Enterprises,...
PE8602 PASTERNACK-PE8602 Datasheet
221Kb / 3P
   50 Ohm SMA Frequency Doubler With Input From 4000 MHz To 9000 MHz And Output From 8000 MHz
logo
KR Electronics, Inc.
3150 KR-3150 Datasheet
97Kb / 3P
   1 MHz Notch Frequency
3142 KR-3142 Datasheet
101Kb / 3P
   1 MHz Notch Frequency
logo
API Technologies Corp
SF0869BA02630S APITECH-SF0869BA02630S Datasheet
187Kb / 3P
   869 MHz SAW Filter 12.5 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0869BA02630S SPECTRUM-SF0869BA02630S Datasheet
187Kb / 3P
   869 MHz SAW Filter 12.5 MHz Bandwidth
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
   Input/Output clock frequency up to 160 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com