Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA301AIDR Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA301AIDR
Description  Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA301AIDR Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA301AIDR Datasheet HTML 1Page - Burr-Brown (TI) OPA301AIDR Datasheet HTML 2Page - Burr-Brown (TI) OPA301AIDR Datasheet HTML 3Page - Burr-Brown (TI) OPA301AIDR Datasheet HTML 4Page - Burr-Brown (TI) OPA301AIDR Datasheet HTML 5Page - Burr-Brown (TI) OPA301AIDR Datasheet HTML 6Page - Burr-Brown (TI) OPA301AIDR Datasheet HTML 7Page - Burr-Brown (TI) OPA301AIDR Datasheet HTML 8Page - Burr-Brown (TI) OPA301AIDR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
OPA300
OPA301
SBOS271A − MAY 2003 − REVISED DECEMBER 2003
www.ti.com
4
TYPICAL CHARACTERISTICS
All specifications at TA = 25°C, V+ = 5V, and RL = 150Ω connected to VS/2 unless otherwise noted.
NONINVERTING GAIN
SMALL−SIGNAL FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
3
−3
−9
−15
G= 2
G= 1
G= 5
G= 10
V
O =0.1VPP
R
F = 310Ω for G > 1
LARGE−SIGNAL STEP RESPONSE
Time (50ns/div)
LARGE−SIGNAL ENABLE/DISABLE RESPONSE
Time (100
µs/div)
Enable Pin
Amplifier
Output
INVERTING GAIN
SMALL−SIGNAL FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
3
0
−3
−6
−9
−12
−15
G=
−2
G=
−1
G=
−5
G=
−10
V
O =0.1VPPV
R
F = 310Ω for G > 1
Time (5ns/div)
SMALL−SIGNAL STEP RESPONSE
V
OUT
0.1dB GAIN FLATNESS FOR VARIOUS R
F
Frequency (MHz)
1M
10M
100M
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
R
F = 825Ω
Gain = 2
V
O =0.1VPP
R
F =450Ω
R
F =205Ω


Similar Part No. - OPA301AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA301AIDR TI-OPA301AIDR Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
OPA301AIDR TI1-OPA301AIDR Datasheet
1Mb / 27P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA301AIDRG4 TI1-OPA301AIDRG4 Datasheet
1Mb / 27P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA301AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2300 TI-OPA2300 Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA725 BURR-BROWN-OPA725 Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Texas Instruments
OPA726AIDGKTG4 TI1-OPA726AIDGKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
OPA725 TI1-OPA725 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Linear Technology
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
   90MHz, 22V/us 16-Bit Accurate Operational Amplifier
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
AD8021 AD-AD8021_15 Datasheet
663Kb / 29P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com