Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39C015EVB-06 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB39C015EVB-06
Description  High efficiency : 96% (Max)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C015EVB-06 Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB39C015EVB-06 Datasheet HTML 1Page - Cypress Semiconductor MB39C015EVB-06 Datasheet HTML 2Page - Cypress Semiconductor MB39C015EVB-06 Datasheet HTML 3Page - Cypress Semiconductor MB39C015EVB-06 Datasheet HTML 4Page - Cypress Semiconductor MB39C015EVB-06 Datasheet HTML 5Page - Cypress Semiconductor MB39C015EVB-06 Datasheet HTML 6Page - Cypress Semiconductor MB39C015EVB-06 Datasheet HTML 7Page - Cypress Semiconductor MB39C015EVB-06 Datasheet HTML 8Page - Cypress Semiconductor MB39C015EVB-06 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
MB39C015
Document Number: 002-08364 Rev. *A
Page 2 of 43
Contents
Pin Assignment ................................................................ 3
Pin Descriptions ............................................................... 4
I/O Pin Equivalent Circuit Diagram ................................. 5
Block Diagram .................................................................. 6
Function of Each Block .................................................... 8
Absolute Maximum Ratings .......................................... 10
Recommended Operating Conditions .......................... 11
Electrical Characteristics ............................................... 12
Test Circuit For Measuring Typical
Operating Characteristics .............................................. 14
Application Notes ........................................................... 15
Selection of components ........................................... 15
Output voltage setting .............................................. 16
About conversion efficiency ....................................... 16
Power dissipation and heat considerations ............... 17
XPOR threshold voltage setting
[VPORH, VPORL] ....................................................... 18
Transient response .................................................... 19
Board layout, design example ................................... 20
Example Of Standard Operation Characteristics ........ 21
Application Circuit Examples ........................................ 29
Application Circuit Examples ........................................ 30
Usage Precautions ......................................................... 32
Ordering Information ...................................................... 32
RoHS Compliance Information of
Lead (Pb) Free Version .................................................. 33
Marking Format (Lead Free Version) ....................... 33
Labeling Sample (Lead Free Version) ...................... 33
Evaluation Board Specification ..................................... 34
EV Board Ordering Information .................................... 40
Package Dimension ........................................................ 41


Similar Part No. - MB39C015EVB-06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39C011A CYPRESS-MB39C011A Datasheet
1Mb / 53P
   2ch DC/DC Converter IC with Synchronous Rectification Datasheet
MB39C011AEVB-01 CYPRESS-MB39C011AEVB-01 Datasheet
1Mb / 53P
   2ch DC/DC Converter IC with Synchronous Rectification Datasheet
MB39C011APFT CYPRESS-MB39C011APFT Datasheet
1Mb / 53P
   2 ch DC/DC Converter IC with Synchronous Rectification
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
   2 ch DC/DC Converter IC with Synchronous Rectification
MB39C014 CYPRESS-MB39C014 Datasheet
1Mb / 32P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
More results

Similar Description - MB39C015EVB-06

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALO15B50 EMERSON-NETWORKPOWER-ALO15B50 Datasheet
88Kb / 2P
   High efficiency (96% Typical)
logo
Bel Fuse Inc.
TET1500 BEL-TET1500 Datasheet
1Mb / 26P
   High Efficiency, typ. 96% efficiency at half load
logo
SynQor Worldwide Headqu...
SQ60120QEX25 SYNQOR-SQ60120QEX25 Datasheet
2Mb / 14P
   High efficiency, 96% at full rated load current
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7332 AVAGO-ACPM-7332 Datasheet
1Mb / 16P
   high efficiency at max output power
ACPM-7372 AVAGO-ACPM-7372 Datasheet
1Mb / 16P
   high efficiency at max output power
logo
Recom International Pow...
R-78B-2.0 RECOM-R-78B-2.0 Datasheet
401Kb / 5P
   Efficiency Up To 96%, No Heatsinks Required
logo
Monolithic Power System...
EV2499M-QB-00A MPS-EV2499M-QB-00A Datasheet
949Kb / 7P
   High Efficiency, 3A Max, 36V Synchronous, Step-Down Converter Evaluation Board
logo
Maxim Integrated Produc...
MAX1762 MAXIM-MAX1762 Datasheet
659Kb / 20P
   High-Efficiency, 10-Pin 關MAX, Step-Down Controllers for Notebooks
Rev 1; 10/05
logo
Toshiba Semiconductor
TA8270HQ TOSHIBA-TA8270HQ Datasheet
365Kb / 16P
   Max Power 43 W BTL × 4 ch High Efficiency Audio Power IC
2006-04-28
logo
Emerson Network Power
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
   High Efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com