Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA301AIDBVR Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA301AIDBVR
Description  Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA301AIDBVR Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA301AIDBVR Datasheet HTML 2Page - Burr-Brown (TI) OPA301AIDBVR Datasheet HTML 3Page - Burr-Brown (TI) OPA301AIDBVR Datasheet HTML 4Page - Burr-Brown (TI) OPA301AIDBVR Datasheet HTML 5Page - Burr-Brown (TI) OPA301AIDBVR Datasheet HTML 6Page - Burr-Brown (TI) OPA301AIDBVR Datasheet HTML 7Page - Burr-Brown (TI) OPA301AIDBVR Datasheet HTML 8Page - Burr-Brown (TI) OPA301AIDBVR Datasheet HTML 9Page - Burr-Brown (TI) OPA301AIDBVR Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
OPA300
OPA301
SBOS271A − MAY 2003 − REVISED DECEMBER 2003
www.ti.com
6
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, V+ = 5V, and RL = 150Ω connected to VS/2 unless otherwise noted.
FREQUENCY RESPONSE FOR VARIOUS R
L
Frequency (Hz)
10M
100M
1G
9
3
−3
−9
−15
−21
R
LOAD =1kΩ
R
LOAD =150Ω
R
LOAD =50Ω
Gain = 1
V
O =0.1VPP
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (Hz)
10M
100M
1G
3
−3
−9
−15
−21
−27
C
LOAD = 100pF
R
S =20Ω
C
LOAD = 47pF
R
S =30Ω
C
LOAD =1pF
R
S =75Ω
C
LOAD =5pF
R
S =55Ω
C
LOAD =10pF
R
S =40Ω
R
S
CL
OPEN−LOOP GAIN AND PHASE vs FREQUENCY
Frequency (Hz)
10k
1k
100
100k
1M
10M
100M
1G
110
100
90
80
70
60
50
40
30
20
10
0
−10
0
−30
−60
−90
−120
−150
−180
Phase
Gain
FREQUENCY RESPONSE FOR VARIOUS C
L
Frequency (Hz)
10M
100M
1G
15
9
3
−3
−9
−15
−21
C
LOAD = 100pF
C
LOAD =47pF
C
LOAD = 4.7pF
Gain = 1
CL
COMMON−MODE REJECTION RATIO AND
POWER−SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
10k
100k
1M
10M
100M
1G
100
90
80
70
60
50
40
30
20
10
0
CMRR
PSRR V
PSRR V+
COMPOSITE VIDEO
DIFFERENTIAL GAIN AND PHASE
Number of 150
ΩLoads
12
3
4
1.0
0.8
0.6
0.4
0.2
0
dP
dG


Similar Part No. - OPA301AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA301AIDBVR TI-OPA301AIDBVR Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
OPA301AIDBVR TI1-OPA301AIDBVR Datasheet
1Mb / 27P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA301AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2300 TI-OPA2300 Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA725 BURR-BROWN-OPA725 Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Texas Instruments
OPA726AIDGKTG4 TI1-OPA726AIDGKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
OPA725 TI1-OPA725 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Linear Technology
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
   90MHz, 22V/us 16-Bit Accurate Operational Amplifier
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
AD8021 AD-AD8021_15 Datasheet
663Kb / 29P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com