Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A916CY-3R3M Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # A916CY-3R3M
Description  Power Supply Application
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

A916CY-3R3M Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button A916CY-3R3M Datasheet HTML 6Page - Cypress Semiconductor A916CY-3R3M Datasheet HTML 7Page - Cypress Semiconductor A916CY-3R3M Datasheet HTML 8Page - Cypress Semiconductor A916CY-3R3M Datasheet HTML 9Page - Cypress Semiconductor A916CY-3R3M Datasheet HTML 10Page - Cypress Semiconductor A916CY-3R3M Datasheet HTML 11Page - Cypress Semiconductor A916CY-3R3M Datasheet HTML 12Page - Cypress Semiconductor A916CY-3R3M Datasheet HTML 13Page - Cypress Semiconductor A916CY-3R3M Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Document Number: 002-08322 Rev. *A
Page 10 of 23
MB39A112EVB-01
7. Initial Settings
7.1 Output voltage
7.2 Oscillation frequency
7.3 Soft-start time
CH1 : ts1 (s)
1.0 C7 (F) 10 (ms)
CH2 : ts2 (s)
0.123 C12 (F) 12 (ms)
CH3 : ts3 (s)
0.123 C13 (F) 12 (ms)
7.4 Short-circuit detection time
tscp (s)
0.72 C15 (F) 720 (s)
53
Terminal
pin
WT-2-1

MacEight
SANYO
SANYO Electric Co., Ltd.
TOKO
TOKO, Inc.
TDK
TDK Corporation
KOA
KOA Corporation
ssm
SUSUMU CO., LTD.
MATSUKYU
Matsukyu Co., Ltd.
MacEight
MacEight Co., Ltd.
CH1 : VO1 (V)
R6
R7 R8
1.0 1.2 V
R8
CH2 : VO2 (V)
R11 R12 R13 1.23 3.3 V
R13
CH3 : VO3 (V)
R15 R16 R17 1.23 5 V
R17
fOSC (kHz)
1200000
2350
(kHz)
C10 (pF)
R10 (k)
No.
Symbol
Part name
Model
name
Specification
Package
Manu-
facturer
Remarks
(Circuit
diagram
mark)
Rating
1
Rating
2
Rating
3
Value
Devia-
tion
Features


Similar Part No. - A916CY-3R3M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A916 ETC-A916 Datasheet
168Kb / 3P
   PNP SILICON TRANSISTOR
More results

Similar Description - A916CY-3R3M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U5FWK2C42 TOSHIBA-U5FWK2C42 Datasheet
184Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
20DL2C48A TOSHIBA-20DL2C48A_06 Datasheet
345Kb / 6P
   SWITCHING MODE POWER SUPPLY APPLICATION
20DL2CZ47A TOSHIBA-20DL2CZ47A_06 Datasheet
307Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATION
5JLZ47A TOSHIBA-5JLZ47A_06 Datasheet
238Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
20FWJ2C48M TOSHIBA-20FWJ2C48M_06 Datasheet
333Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATION
20FWJ2CZ47M TOSHIBA-20FWJ2CZ47M_06 Datasheet
303Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATION
5DL2CZ47A TOSHIBA-5DL2CZ47A_06 Datasheet
397Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATION
5GLZ47A TOSHIBA-5GLZ47A_06 Datasheet
236Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
5JLZ47 TOSHIBA-5JLZ47_06 Datasheet
236Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
10GWJ2C48C TOSHIBA-10GWJ2C48C_06 Datasheet
356Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com