Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXD1812 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MXD1812
Description  Low-Power UP Reset Circuits in 3-Pin
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1812 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MXD1812 Datasheet HTML 1Page - Maxim Integrated Products MXD1812 Datasheet HTML 2Page - Maxim Integrated Products MXD1812 Datasheet HTML 3Page - Maxim Integrated Products MXD1812 Datasheet HTML 4Page - Maxim Integrated Products MXD1812 Datasheet HTML 5Page - Maxim Integrated Products MXD1812 Datasheet HTML 6Page - Maxim Integrated Products MXD1812 Datasheet HTML 7Page - Maxim Integrated Products MXD1812 Datasheet HTML 8Page - Maxim Integrated Products MXD1812 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Low-Power µP Reset Circuits in 3-Pin
SC70/SOT23
4
_______________________________________________________________________________________
0
0.1
0.3
0.2
0.4
0.5
0
1.0
0.5
1.5
2.5
3.0
OUTPUT VOLTAGE
vs. OUTPUT SOURCE CURRENT
OUTPUT CURRENT (mA)
2.0
0.2
0.6
0.4
0.8
INPUT LOW VOLTAGE
vs. VCC AND TEMPERATURE
TEMPERATURE (
°C)
-40
20
-10
50
80
110
VCC = +5.5V
VCC = +2.2V
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
PIN
SC70
SOT23
NAME
FUNCTION
21
RESET
Push-Pull, Active-Low Reset Output. RESET changes from high to low when VCC drops
below the selected reset threshold. RESET remains low for the reset timeout period after
VCC exceeds the device reset threshold.
12
VCC
Supply Voltage and Input for Reset Threshold Monitor
3
3
GND
Ground
MXD1810/MXD1815
PIN
SC70
SOT23
NAME
FUNCTION
21
RESET
Open-Drain, Active-Low Reset Output. RESET changes from high to low when VCC drops
below the selected reset threshold. RESET remains low for the reset timeout period after
VCC exceeds the device reset threshold. RESET has an internal 5.5k
Ω pullup resistor.
12
VCC
Supply Voltage and Input for Reset Threshold Monitor
33
GND
Ground
MXD1811/MXD1816
Pin Descriptions


Similar Part No. - MXD1812

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000C/D__ MAXIM-MXD1000C/D__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000PA__ MAXIM-MXD1000PA__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000PD__ MAXIM-MXD1000PD__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000SA__ MAXIM-MXD1000SA__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
More results

Similar Description - MXD1812

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800_11 Datasheet
130Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
Rev 3; 10/11
MAX6800 MAXIM-MAX6800_05 Datasheet
550Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
19-1933 Rev 2; 12/05
MAX6332 MAXIM-MAX6332_05 Datasheet
147Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
logo
Vishay Siliconix
GS6332 VISHAY-GS6332 Datasheet
56Kb / 6P
   3 Pin, Low-Power, P Reset Circuits
22-May-02
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
   3-Pin, Low-Power 關P Reset Circuits
2016
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
   4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com