Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91V460A Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # MB91V460A
Description  32-bit RISC, load/store architecture, five-stage pipeline
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91V460A Datasheet(HTML) 4 Page - Cypress Semiconductor

  MB91V460A Datasheet HTML 1Page - Cypress Semiconductor MB91V460A Datasheet HTML 2Page - Cypress Semiconductor MB91V460A Datasheet HTML 3Page - Cypress Semiconductor MB91V460A Datasheet HTML 4Page - Cypress Semiconductor MB91V460A Datasheet HTML 5Page - Cypress Semiconductor MB91V460A Datasheet HTML 6Page - Cypress Semiconductor MB91V460A Datasheet HTML 7Page - Cypress Semiconductor MB91V460A Datasheet HTML 8Page - Cypress Semiconductor MB91V460A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 137 page
background image
Document Number: 002-04631 Rev. *A
Page 4 of 137
MB91460T Series
1. Product Lineup
Feature
MB91V460A
MB91FV460B *4
MB91F467TA
MB91F469TA *3
Max. core frequency (CLKB)
80MHz
100MHz
100MHz
100MHz
Max. resource frequency
(CLKP)
40MHz
50MHz
50MHz
50MHz
Max. external bus freq.
(CLKT)
40MHz
50MHz
50MHz
50MHz
Max. CAN frequency
(CLKCAN)
20MHz
50MHz
50MHz
50MHz
Max. FlexRay frequency
(SCLK)
-
---
Technology
0.35
m
0.18um
0.18
m0.18m
Watchdog
yes
yes
yes
yes
Watchdog (RC osc. based)
yes (disengageable)
yes (disengageable)
yes
yes
Bit Search
yes
yes
yes
yes
Reset input (INITX)
yes
yes
yes
yes
Hardware Standby input
(HSTX)
yes
yes
no
no
Clock Modulator
yes
yes
yes
yes
Clock Monitor
yes
yes
yes
yes
Low Power Mode
yes
yes
yes
yes
DMA
5 ch
5 ch
5 ch
5 ch
MAC (
DSP)
no
no
no
no
MMU/MPU
MPU (16 ch) 1)
MPU (16 ch) 1)
MPU (8 ch) 1)
MPU (8 ch) 1)
Flash
Emulation SRAM 32bit
read data
Internal Flash memory
2112KB +external
emulation SRAM with
64bit read data
1088 KByte
2112 KByte
Satellite Flash
-
-
no
no
Flash Protection
-
yes
yes
yes
D-RAM
64 KByte
64 KByte
32 KByte
64 KByte
ID-RAM
64 KByte
64 KByte
32 KByte
64 KByte
Flash-Cache (Instruction
cache)
16 KByte
16 KByte
8 KByte
16 KByte
Boot-ROM / BI-ROM
4 KByte fixed
16 KByte Boot Flash
+ 1KB Boot ROM
4 KByte
4 KByte
RTC
1 ch
1 ch
1 ch
1 ch
Free Running Timer
8 ch
12 ch
8 ch*2
8 ch*2


Similar Part No. - MB91V460A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB91V460A CYPRESS-MB91V460A Datasheet
2Mb / 86P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91V460A CYPRESS-MB91V460A Datasheet
12Mb / 137P
   32-bit RISC, load/store architecture, five-stage pipeline
More results

Similar Description - MB91V460A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB91460H CYPRESS-MB91460H Datasheet
9Mb / 105P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91F465KA CYPRESS-MB91F465KA Datasheet
2Mb / 86P
   32-bit RISC, load/store architecture, five-stage pipeline
MB9146D CYPRESS-MB9146D Datasheet
12Mb / 137P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91460Q CYPRESS-MB91460Q Datasheet
14Mb / 153P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91550 CYPRESS-MB91550 Datasheet
1Mb / 104P
   32-bit RISC, load/store architecture, 5-stage pipeline
MB91570 CYPRESS-MB91570 Datasheet
3Mb / 163P
   32-bit RISC, load/store architecture, 5-stage pipeline
logo
NXP Semiconductors
MMC2001 NXP-MMC2001 Datasheet
3Mb / 259P
   32-bit load/store RISC architecture
Revision 1.1
logo
ATMEL Corporation
AT91SAM7L128PRE ATMEL-AT91SAM7L128PRE Datasheet
8Mb / 564P
    numberHigh-performance 32-bit RISC Architecture
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
   High-performance 32-bit RISC Architecture
AT91M40800 ATMEL-AT91M40800_14 Datasheet
248Kb / 18P
   High-performance 32-bit RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com