Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ORD9702XYL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ORD9702XYL
Description  PCB MOUNTED LEDS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORD9702XYL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ORD9702XYL Datasheet HTML 1Page - List of Unclassifed Manufacturers ORD9702XYL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABSOLUTE MAXIMUM RATINGS (TA = 25OC)
Parameter
Value
Forward Current
7mA
Power Dissipation
20mW
Reverse Voltage
6V
Operating Temperature
-40
°C to +100°C
Storage Temperature
-55
°C to 100°C
Lead Soldering Temperature for 5sec
(2.0mm from Body)
260
°C
COLOUR
Lumenous
Intensity
If = 10mA
mcd
Peak Wavelength
nm
Viewing
Angle
1/2
Degrees
Forward Voltage
If = 2mA
volts
RED
min
typ
1
2
-
635
-
50
-
1.9
YELLOW
min
typ
1
2
-
585
-
50
-
2.4
GREEN
min
typ
ma
1
2
-
-
565
-
-
50
-
-
1.9
2.4
OPTO ELECTRONIC DATA (Ta = 25oC)
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
ORDERING INFORMATION
Dual LED
——-
ORD 9702XYL
X = Top LED position
Y = Bottom LED position
Single LED
——-
ORE 9701XL
X = Bottom LED position only
Indicate Colour by using
R= Red
Y= Yellow
G= Green
None Standard LED types position and polarities available on request
ORD 9702L
ORE 9701L
ISS B 20.12.00


Similar Part No. - ORD9702XYL

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
ORD9702XY BOT-ORD9702XY Datasheet
34Kb / 2P
   3mm PCB MOUNTED LEDS
More results

Similar Description - ORD9702XYL

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
ORD9702XY BOT-ORD9702XY Datasheet
34Kb / 2P
   3mm PCB MOUNTED LEDS
ORE9701L BOT-ORE9701L Datasheet
113Kb / 2P
   Low Current PCB MOUNTED LEDS
logo
List of Unclassifed Man...
HMS462CTP ETC2-HMS462CTP Datasheet
346Kb / 1P
   5mm THREADED LENS for PCB MOUNTED LEDs
logo
EHAOAN.
2424PT-6B EHAOAN-2424PT-6B Datasheet
1Mb / 7P
   PCB Mounted Infrared Sensor
logo
Bel Fuse Inc.
SS-60300-014 BEL-SS-60300-014 Datasheet
670Kb / 2P
   CAT6a PCB Mounted Jacks
logo
List of Unclassifed Man...
D3016 ETC2-D3016 Datasheet
156Kb / 4P
   12VA PCB MOUNTED TRANSFORMER
MS4515 ETC2-MS4515 Datasheet
250Kb / 13P
   PCB Mounted Pressure Transducers
MS4525 ETC2-MS4525 Datasheet
535Kb / 13P
   PCB Mounted Pressure Transducers
logo
TE Connectivity Ltd
MS4515 TEC-MS4515 Datasheet
414Kb / 15P
   PCB Mounted Pressure Transducers
logo
List of Unclassifed Man...
SF3010 ETC2-SF3010 Datasheet
144Kb / 1P
   COMPACT SIZE PCB MOUNTED FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com