Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-1071 Datasheet(PDF) 3 Page - ETAL Group

Part # E-1071
Description  Designed for inductive loads (DC 24 V)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1071 Datasheet(HTML) 3 Page - ETAL Group

  E-1071 Datasheet HTML 1Page - ETAL Group E-1071 Datasheet HTML 2Page - ETAL Group E-1071 Datasheet HTML 3Page - ETAL Group E-1071 Datasheet HTML 4Page - ETAL Group E-1071 Datasheet HTML 5Page - ETAL Group E-1071 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.e-t-a.de
Solid State Remote Power Controller E-1071-
623/627
3
1646
5
Solid State Remote Power Controller E-1071-
623/627
Schematic diagram
Dimensions
0
1
2
+
current rating
presetting
physical
isolation
off
1
3
4
2
-UB
solenoid
load
+
-
+UB
(28...60 V DC)
+
-
LED-indication
gb gn rt rt
control and
monitoring
electronics
8
5
6
7
9
10
-US
+US
-Ua
SB
SF
+Ua
status
function
status
operation
max. 35 VDC
control
input
max. 60VDC/0.1A
current-proportional
voltage output U(I)
129 OFF condition
45
124 ON condition
121
119.5
rail EN 50022-35x7.5
(not included in delivery)
5.08
4.88
4.76
4.70
1.77
Operating modes
mode
fault-free
wire break
load short
circuit (1)
UB too low/
high (2)
faulty
setting
control input
(terminals 6 and 7)
»0«
»1«
»0«
»1«
»0«
»1«
»0«
»1«
LED YELLOW – control c.
LED GREEN - O.K.
LED RED - wire break
LED RED - fault
0
1
0
0
1
1
0
0
0
0
1
0
1
0
1
0
0
0
0
1
1
0
0
1
0
0
0
1
1
0
0
1
status function
(terminal 9)
status operation
(terminal 8)
1
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
physical isolation
0
0
0
0
0
1
0
0
Notes:
1 Short circuit: load (+) to load (-)
2 Underoltage: device disconnects at 28 V and reconnects at 29.4 V
Overvoltage: device disconnects at 60 V and reconnects at 57 V
1 - LED status output carries to plus potential
0 - LED status output is non-conductive
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - E-1071

ManufacturerPart #DatasheetDescription
logo
ETAL Group
E-1072-100 ETAL-E-1072-100 Datasheet
177Kb / 4P
   PLC controllable electronic switching amplifier (max. 3 A) with additional protective and control functions for DC 24 V loads (e.g.solenoids, magnetic brakes, electromagnetic clutches, monitoring and indicator lamps).
E-1072-128 ETAL-E-1072-128 Datasheet
189Kb / 4P
   Nennspannung DC 24 V (19,2...36 V)
E-1072-128-DC24V-3A ETAL-E-1072-128-DC24V-3A Datasheet
189Kb / 4P
   Nennspannung DC 24 V (19,2...36 V)
E-1072-210-DC24V-1A ETAL-E-1072-210-DC24V-1A Datasheet
206Kb / 4P
   Voltage rating DC 24 V (19.2...36 V)
E-1072-210-DC24V-2A ETAL-E-1072-210-DC24V-2A Datasheet
206Kb / 4P
   Voltage rating DC 24 V (19.2...36 V)
More results

Similar Description - E-1071

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
IL-2022-L RRE-IL-2022-L Datasheet
101Kb / 1P
   Reed Switch for Inductive Loads
logo
Infineon Technologies A...
BTT6200-1EJA INFINEON-BTT6200-1EJA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
logo
STMicroelectronics
AN308 STMICROELECTRONICS-AN308 Datasheet
147Kb / 16P
   TRIAC analog control circuits for inductive loads
logo
Infineon Technologies A...
BTT6100-2EKA INFINEON-BTT6100-2EKA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
BTS5200-4EKA INFINEON-BTS5200-4EKA Datasheet
2Mb / 49P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-02-06
BTT6200-4EMA INFINEON-BTT6200-4EMA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
logo
STMicroelectronics
AN4402 STMICROELECTRONICS-AN4402 Datasheet
663Kb / 39P
   Multichannel drivers driving inductive loads
logo
TEMIC Semiconductors
U2352B TEMIC-U2352B Datasheet
110Kb / 8P
   PWM Power Control for DC Loads
logo
List of Unclassifed Man...
8500 ETC2-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
logo
B&K Precision Corporati...
8500 BK-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com