Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F654LPF-G-SNE2 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # MB95F654LPF-G-SNE2
Description  F2MC-8FX CPU core
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F654LPF-G-SNE2 Datasheet(HTML) 4 Page - Cypress Semiconductor

  MB95F654LPF-G-SNE2 Datasheet HTML 1Page - Cypress Semiconductor MB95F654LPF-G-SNE2 Datasheet HTML 2Page - Cypress Semiconductor MB95F654LPF-G-SNE2 Datasheet HTML 3Page - Cypress Semiconductor MB95F654LPF-G-SNE2 Datasheet HTML 4Page - Cypress Semiconductor MB95F654LPF-G-SNE2 Datasheet HTML 5Page - Cypress Semiconductor MB95F654LPF-G-SNE2 Datasheet HTML 6Page - Cypress Semiconductor MB95F654LPF-G-SNE2 Datasheet HTML 7Page - Cypress Semiconductor MB95F654LPF-G-SNE2 Datasheet HTML 8Page - Cypress Semiconductor MB95F654LPF-G-SNE2 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 105 page
background image
Document Number: 002-04696 Rev. *A
Page 4 of 105
MB95650L Series
1. Product Line-up
(Continued)
Part number
Parameter
MB95F652E MB95F653E MB95F654E MB95F656E MB95F652L MB95F653L MB95F654L MB95F656L
Type
Flash memory product
Clock supervisor
counter
It supervises the main clock oscillation and the subclock oscillation.
Flash memory
capacity
8 Kbyte
12 Kbyte
20 Kbyte
36 Kbyte
8 Kbyte
12 Kbyte
20 Kbyte
36 Kbyte
RAM capacity
256 bytes
512 bytes
1024 bytes
1024 bytes
256 bytes
512 bytes
1024 bytes
1024 bytes
Power-on reset
Yes
Low-voltage
detection reset
Yes
No
Reset input
Selected through software
With dedicated reset input
CPU functions
• Number of basic instructions
: 136
• Instruction bit length
: 8 bits
• Instruction length
: 1 to 3 bytes
• Data bit length
: 1, 8 and 16 bits
• Minimum instruction execution time
: 61.5 ns (machine clock frequency = 16.25 MHz)
• Interrupt processing time
: 0.6 µs (machine clock frequency = 16.25 MHz)
General-purpose
I/O
• I/O port
: 21
• CMOS I/O
: 17
• N-ch open drain
: 4
• I/O port
: 20
•CMOS I/O
: 17
• N-ch open drain
: 3
Time-base timer
Interval time: 0.256 ms to 8.3 s (external clock frequency = 4 MHz)
Hardware/software
watchdog timer
• Reset generation cycle
Main oscillation clock at 10 MHz: 105 ms (Min)
• The sub-CR clock can be used as the source clock of the software watchdog timer.
Wild register
It can be used to replace 3 bytes of data.
LIN-UART
• A wide range of communication speed can be selected by a dedicated reload timer.
• It has a full duplex double buffer.
• Both clock synchronous serial data transfer and clock asynchronous serial data transfer are enabled.
• The LIN function can be used as a LIN master or a LIN slave.
8/12-bit
A/D converter
6 channels
8-bit or 12-bit resolution can be selected.
8/16-bit
composite timer
2 channels
• The timer can be configured as an “8-bit timer × 2 channels” or a “16-bit timer × 1 channel”.
• It has the following functions: interval timer function, PWC function, PWM function and input capture function.
• Count clock: it can be selected from internal clocks (seven types) and external clocks.
• It can output square wave.
External interrupt
6 channels
• Interrupt by edge detection (The rising edge, falling edge, and both edges can be selected.)
• It can be used to wake up the device from different standby modes.
On-chip debug
• 1-wire serial control
• It supports serial writing (asynchronous mode).


Similar Part No. - MB95F654LPF-G-SNE2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95F613H CYPRESS-MB95F613H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95F613HPMC-G-SNE2 CYPRESS-MB95F613HPMC-G-SNE2 Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95F613K CYPRESS-MB95F613K Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95F613KPMC-G-SNE2 CYPRESS-MB95F613KPMC-G-SNE2 Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95F614H CYPRESS-MB95F614H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
More results

Similar Description - MB95F654LPF-G-SNE2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95630H CYPRESS-MB95630H Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95F613H CYPRESS-MB95F613H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
logo
Fujitsu Component Limit...
MB95F168JAPMC1-GE1 FUJITSU-MB95F168JAPMC1-GE1 Datasheet
530Kb / 21P
   F2MC-8FX MB95160MA Series
logo
Cypress Semiconductor
MB95200H CYPRESS-MB95200H Datasheet
2Mb / 66P
   F2MC-8FX 8-bit Microcontroller
MB95220H CYPRESS-MB95220H Datasheet
2Mb / 58P
   F2MC-8FX 8-bit Microcontroller
MB96650 CYPRESS-MB96650 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96630 CYPRESS-MB96630 Datasheet
1Mb / 69P
   F2MC-16FX CPU
MB96620 CYPRESS-MB96620 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96680 CYPRESS-MB96680 Datasheet
1Mb / 68P
   F2MC-16FX CPU
MB95F394H CYPRESS-MB95F394H Datasheet
2Mb / 72P
   CMOS F2MC-8FX MB95390H Series 8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com