Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBT35200MT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # SMBT35200MT1G
Description  High Current Surface Mount PNP Silicon Switching Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMBT35200MT1G Datasheet(HTML) 5 Page - ON Semiconductor

  SMBT35200MT1G Datasheet HTML 1Page - ON Semiconductor SMBT35200MT1G Datasheet HTML 2Page - ON Semiconductor SMBT35200MT1G Datasheet HTML 3Page - ON Semiconductor SMBT35200MT1G Datasheet HTML 4Page - ON Semiconductor SMBT35200MT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MBT35200MT1
http://onsemi.com
5
PACKAGE DIMENSIONS
TSOP−6
CASE 318G−02
ISSUE U
23
4
5
6
D
1
e
b
E1
A1
A
0.05
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH. MINIMUM
LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL.
4. DIMENSIONS D AND E1 DO NOT INCLUDE MOLD FLASH,
PROTRUSIONS, OR GATE BURRS. MOLD FLASH, PROTRUSIONS, OR
GATE BURRS SHALL NOT EXCEED 0.15 PER SIDE. DIMENSIONS D
AND E1 ARE DETERMINED AT DATUM H.
5. PIN ONE INDICATOR MUST BE LOCATED IN THE INDICATED ZONE.
c
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
DIM
A
MIN
NOM
MAX
MILLIMETERS
0.90
1.00
1.10
A1
0.01
0.06
0.10
b
0.25
0.38
0.50
c
0.10
0.18
0.26
D
2.90
3.00
3.10
E
2.50
2.75
3.00
e
0.85
0.95
1.05
L
0.20
0.40
0.60
0.25 BSC
L2
0
°
10°
1.30
1.50
1.70
E1
E
RECOMMENDED
NOTE 5
L
C
M
H
L2
SEATING
PLANE
GAUGE
PLANE
DETAIL Z
DETAIL Z
0.60
6X
3.20
0.95
6X
0.95
PITCH
DIMENSIONS: MILLIMETERS
M
STYLE 6:
PIN 1. COLLECTOR
2. COLLECTOR
3. BASE
4. EMITTER
5. COLLECTOR
6. COLLECTOR
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
MBT35200MT1/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - SMBT35200MT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMBT35200MT1G ONSEMI-SMBT35200MT1G Datasheet
115Kb / 5P
   High Current Surface Mount PNP Silicon
August, 2013 ??Rev. 5
More results

Similar Description - SMBT35200MT1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT589LT1 MOTOROLA-MMBT589LT1 Datasheet
113Kb / 6P
   High Current Surface Mount PNP Silicon Switching Transistor
logo
ON Semiconductor
MMBT589LT1 ONSEMI-MMBT589LT1 Datasheet
113Kb / 8P
   High Current Surface Mount PNP Silicon Switching Transistor
August, 2001 ??Rev. 1
NSL5TT1 ONSEMI-NSL5TT1 Datasheet
170Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor
August, 2006 ??Rev. 1
MMBT589LT1G ONSEMI-MMBT589LT1G Datasheet
111Kb / 5P
   High Current Surface Mount PNP Silicon Switching
October, 2016 ??Rev. 7
NSL35TT1 ONSEMI-NSL35TT1 Datasheet
208Kb / 7P
   High Current Surface Mount PNP Silicon Mount PNP Silicon Transistor
August, 2006 ??Rev. 3
logo
Central Semiconductor C...
CZT751 CENTRAL-CZT751_10 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT751 CENTRAL-CZT751_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT955 CENTRAL-CZT955_15 Datasheet
979Kb / 3P
   SURFACE MOUNT SILICON HIGH CURRENT PNP TRANSISTOR
CZT751 CENTRAL-CZT751 Datasheet
73Kb / 2P
   SURFACE MOUNT PNP HIGH CURRENT SILICON TRANSISTOR
CTLT953-M833S CENTRAL-CTLT953-M833S Datasheet
723Kb / 4P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
R0 8-August 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com