Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT4401WT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBT4401WT1G
Description  Switching Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT4401WT1G Datasheet(HTML) 1 Page - ON Semiconductor

  MMBT4401WT1G Datasheet HTML 1Page - ON Semiconductor MMBT4401WT1G Datasheet HTML 2Page - ON Semiconductor MMBT4401WT1G Datasheet HTML 3Page - ON Semiconductor MMBT4401WT1G Datasheet HTML 4Page - ON Semiconductor MMBT4401WT1G Datasheet HTML 5Page - ON Semiconductor MMBT4401WT1G Datasheet HTML 6Page - ON Semiconductor MMBT4401WT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2013
August, 2013 − Rev. 4
1
Publication Order Number:
MMBT4401WT1/D
MMBT4401WT1G
Switching Transistor
NPN Silicon
Features
Moisture Sensitivity Level: 1
ESD Rating:
Human Body Model; 4 kV,
Machine Model; 400 V
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
40
Vdc
Collector−Base Voltage
VCBO
60
Vdc
Emitter−Base Voltage
VEBO
6.0
Vdc
Collector Current − Continuous
IC
600
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR−5 Board
TA = 25°C
PD
150
mW
Thermal Resistance,
Junction−to−Ambient
RqJA
833
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
RecommendedOperating Conditions may affect device reliability.
Device
Package
Shipping
ORDERING INFORMATION
SC−70 (SOT−323)
CASE 419
STYLE 3
2
3
1
MARKING DIAGRAM
COLLECTOR
3
1
BASE
2
EMITTER
http://onsemi.com
MMBT4401WT1G
SC−70
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
2X MG
G
1
(Note: Microdot may be in either location)
*Date Code orientation may vary depending upon
manufacturinglocation.


Similar Part No. - MMBT4401WT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4401WT1G ONSEMI-MMBT4401WT1G Datasheet
119Kb / 6P
   Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
MMBT4401WT1G ONSEMI-MMBT4401WT1G Datasheet
186Kb / 6P
   Switching Transistor
October, 2010 -- Rev. 2
More results

Similar Description - MMBT4401WT1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
   TRANSISTOR SWITCHING TRANSISTOR
REV1.0
logo
GUANGDONG HOTTECH INDUS...
MMBT4401 HOTTECH-MMBT4401 Datasheet
182Kb / 2P
   Switching transistor
logo
Guangdong Kexin Industr...
FMMT717 KEXIN-FMMT717 Datasheet
37Kb / 2P
   Switching Transistor
FMMT720 KEXIN-FMMT720 Datasheet
38Kb / 2P
   Switching Transistor
logo
ON Semiconductor
BSV52LT1G ONSEMI-BSV52LT1G Datasheet
114Kb / 3P
   Switching Transistor
August, 2009 ??Rev. 3
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W Datasheet
301Kb / 5P
   Switching Transistor
logo
ON Semiconductor
MMBT4401WT1G ONSEMI-MMBT4401WT1G Datasheet
186Kb / 6P
   Switching Transistor
October, 2010 -- Rev. 2
logo
Guangdong Kexin Industr...
MMBT4403W KEXIN-MMBT4403W Datasheet
52Kb / 2P
   Switching Transistor
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W_15 Datasheet
301Kb / 5P
   Switching Transistor
logo
GUANGDONG HOTTECH INDUS...
HCPS2907A HOTTECH-HCPS2907A Datasheet
398Kb / 4P
   SWITCHING TRANSISTOR
logo
Unisonic Technologies
2SA1507 UTC-2SA1507 Datasheet
166Kb / 5P
   SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com