Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBM-E1048-8R0-B2-V0089 Datasheet(PDF) 3 Page - ETAL Group

Part # PBM-E1048-8R0-B2-V0089
Description  The current supplied by a power supply is distributed onto 1 x 8 or 2 x 4 ways/slots.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

PBM-E1048-8R0-B2-V0089 Datasheet(HTML) 3 Page - ETAL Group

  PBM-E1048-8R0-B2-V0089 Datasheet HTML 1Page - ETAL Group PBM-E1048-8R0-B2-V0089 Datasheet HTML 2Page - ETAL Group PBM-E1048-8R0-B2-V0089 Datasheet HTML 3Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.e-t-a.de
3
Power Board Module PBM-E1048-8..-B.-V0089
1633
6
Power Board Module PBM-E1048-8..-B.-V0089
Dimensions
143 mm
Accessories
Retaining clip for E1048
No. Y300 581 03
Relays for signalling function
Microrelay 12 V:
No. Y311 85 401
Microrelay 24 V:
No. Y311 85 411
Retaining clip for microrelays
No. Y311 076 01
Mandatory for mounting position Y. Without the retaining clips, the E-1048 could fall off in the event of increased shock and vibration values.
Recommended for mounting positions X and Z for increased shock and vibration values.


Similar Part No. - PBM-E1048-8R0-B2-V0089

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PBM ILLINOISCAPACITOR-PBM Datasheet
194Kb / 2P
   Non/Bi-polar ??7mm Height
logo
XP Power Limited
PBM200 XPPOWER-PBM200 Datasheet
154Kb / 2P
   200 Watts PBM200 Series
PBM200PD01-C XPPOWER-PBM200PD01-C Datasheet
182Kb / 2P
   AC-DC Power Supplies
PBM200PD01-C XPPOWER-PBM200PD01-C Datasheet
154Kb / 2P
   200 Watts PBM200 Series
PBM200PD02-C XPPOWER-PBM200PD02-C Datasheet
182Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - PBM-E1048-8R0-B2-V0089

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1150 SLPOWER-MINT1150 Datasheet
613Kb / 8P
   The MINT1150 family is a high power density for a power supply in a 2??x 4??size.
logo
List of Unclassifed Man...
IS-P410905 ETC2-IS-P410905 Datasheet
60Kb / 1P
   The IS-P410905 is a class 2 power supply
logo
NXP Semiconductors
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
logo
Advantech Co., Ltd.
SYS-4U4000-5S01 ADVANTECH-SYS-4U4000-5S01 Datasheet
359Kb / 2P
   4U Server-Grade System with 6 x PCI-X slots / 2 x PCIe x8 slots
logo
Panasonic Semiconductor
AN12941A PANASONIC-AN12941A Datasheet
5Mb / 41P
   The AN12941A is an amplifier IC for stereo speakers which can output 1 W by 8 Ohm or 2 W by 4 Ohm
logo
STMicroelectronics
TDA7379 STMICROELECTRONICS-TDA7379 Datasheet
587Kb / 7P
   4 X 13 - 2 X 38W AUDIO POWER AMPLIFIER 2 X 13 1 X 38W AUDIO POWER AMPLIFIER
logo
Micron Technology
MT48LC4M16A2P-75G MICRON-MT48LC4M16A2P-75G Datasheet
3Mb / 83P
   SDR SDRAM MT48LC16M4A2 ??4 Meg x 4 x 4 Banks MT48LC8M8A2 ??2 Meg x 8 x 4 Banks MT48LC4M16A2 ??1 Meg x 16 x 4 Banks
logo
AAEON Technology
PFM-540I-A AAEON-PFM-540I-A Datasheet
246Kb / 2P
   USB2.0 x 4, COM x 2, and Parallel x 1
logo
RICOH electronics devic...
RP152 RICOH-RP152 Datasheet
2Mb / 29P
   Supply Current Typ. 40 uA x 2
logo
NXP Semiconductors
TDF8590TH NXP-TDF8590TH Datasheet
215Kb / 30P
   2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
Rev. 02-23 April 2007
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com