Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM725CH Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM725CH
Description  Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM725CH Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM725CH Datasheet HTML 1Page - National Semiconductor (TI) LM725CH Datasheet HTML 2Page - National Semiconductor (TI) LM725CH Datasheet HTML 3Page - National Semiconductor (TI) LM725CH Datasheet HTML 4Page - National Semiconductor (TI) LM725CH Datasheet HTML 5Page - National Semiconductor (TI) LM725CH Datasheet HTML 6Page - National Semiconductor (TI) LM725CH Datasheet HTML 7Page - National Semiconductor (TI) LM725CH Datasheet HTML 8Page - National Semiconductor (TI) LM725CH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
±22V
Internal Power Dissipation (Note 2)
500 mW
Differential Input Voltage
±5V
Input Voltage (Note 3)
±22V
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 10 Sec.)
260˚C
Maximum Junction Temperature
150˚C
Operating Temperature Range
T
A(MIN)
T
A(MAX)
LM725
−55˚C
to
+125˚C
LM725A
−55˚C
to
+125˚C
LM725C
0˚C
to
+70˚C
Electrical Characteristics (Note 4)
Parameter
Conditions
LM725A
LM725
LM725C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
T
A = 25˚C,
0.5
0.5
1.0
0.5
2.5
mV
(Without External Trim)
R
S ≤ 10 kΩ
Input Offset Current
T
A = 25˚C
2.0
5.0
2.0
20
2.0
35
nA
Input Bias Current
T
A = 25˚C
42
80
42
100
42
125
nA
Input Noise Voltage
T
A = 25˚C
f
o = 10 Hz
15
15
15
nV/
Hz
f
o = 100 Hz
9.0
9.0
9.0
nV/
Hz
f
o = 1 kHz
8.0
8.0
8.0
nV/
Hz
Input Noise Current
T
A = 25˚C
f
o = 10 Hz
1.0
1.0
1.0
pA/
Hz
f
o = 100 Hz
0.3
0.3
0.3
pA/
Hz
f
o = 1 kHz
0.15
0.15
0.15
pA/
Hz
Input Resistance
T
A = 25˚C
1.5
1.5
1.5
M
Input Voltage Range
T
A = 25˚C
±13.5
±14
±13.5
±14
±13.5
±14
V
Large Signal Voltage
Gain
T
A = 25˚C,
R
L ≥ 2kΩ,
1000
3000
1000
3000
250
3000
V/mV
V
OUT = ±10V
Common-Mode
T
A = 25˚C,
120
110
120
94
120
dB
Rejection Ratio
R
S ≤ 10 kΩ
Power Supply
T
A = 25˚C,
2.0
5.0
2.0
10
2.0
35
µV/V
Rejection Ratio
R
S ≤ 10 kΩ
Output Voltage Swing
T
A = 25˚C,
R
L ≥ 10 kΩ
±12.5
±13.5
±12
±13.5
±12
±13.5
V
R
L ≥ 2kΩ
±12.0
±13.5
±10
±13.5
±10
±13.5
V
Power Consumption
T
A = 25˚C
80
105
80
105
80
150
mW
Input Offset Voltage
R
S ≤ 10 kΩ
0.7
1.5
3.5
mV
(Without External Trim)
Average Input Offset
R
S = 50Ω
Voltage Drift
2.0
2.0
5.0
2.0
µV/˚C
(Without External Trim)
Average Input Offset
R
S = 50Ω
Voltage Drift
0.6
1.0
0.6
0.6
µV/˚C
(With External Trim)
Input Offset Current
T
A = TMAX
1.2
4.0
1.2
20
1.2
35
nA
T
A = TMIN
7.5
18.0
7.5
40
4.0
50
nA
Average Input Offset
35
90
35
150
10
pA/˚C
Current Drift
Input Bias Current
T
A = TMAX
20
70
20
100
125
nA
T
A = TMIN
80
180
80
200
250
nA
www.national.com
2


Similar Part No. - LM725CH

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM720Z SEOUL-LM720Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LM721 SEOUL-LM721 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM721 SEOUL-LM721 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM721 SEOUL-LM721 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM721 SEOUL-LM721 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LM725CH

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com