Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR10-N-123-1115-0 Datasheet(PDF) 2 Page - ETAL Group

Part # MPR10-N-123-1115-0
Description  water-proof and dust-proof
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

MPR10-N-123-1115-0 Datasheet(HTML) 2 Page - ETAL Group

  MPR10-N-123-1115-0 Datasheet HTML 1Page - ETAL Group MPR10-N-123-1115-0 Datasheet HTML 2Page - ETAL Group MPR10-N-123-1115-0 Datasheet HTML 3Page - ETAL Group MPR10-N-123-1115-0 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.e-t-a.de
2
Mechanical Power Relays MPR
1638
5
Order numbering code
Type No.
MPR10-N bistable
Number of poles
1 single pole
Rated voltage
1 12 V
2 24 V
Current rating
1 100 A (M8, M10)
2 200 A (M8, M10)
3 300 A (M10)
Design of load terminals
1 M8 studs (100 A, 200 A)
2 M10 studs (100 A, 200 A, 300 A)
Accessories of load terminals
1 washers and nuts mounted
2 washers and nuts bulk shipped
Coil connection (control contacts)
1 M4 screws
Mounting method
0 without
1 side flange with Ø 5,4 mm hole
3 plate for side flange
4 plate for foot mount
5 M4 connectors side and foot
Options 1
0 without
2 with suppressor diode
Options 2
0 without
Options 3
0
without
MPR10-N- 1 2 3 -2 1 1 1 - 2 0 0 ordering example
Schematic diagrams
88
MPR10 bistable
+86a
+86b
-85
88a
momentary switch OFF
+
-
load
88
88a
86a+
85-
control circuitload circuit
86b+
momentary switch ON
power
supply
MPR10 bistable


Similar Part No. - MPR10-N-123-1115-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPR10A ETC-MPR10A Datasheet
1Mb / 2P
   METAL PLATE SHUNT RESISTORS
More results

Similar Description - MPR10-N-123-1115-0

ManufacturerPart #DatasheetDescription
logo
ETAL Group
HPR ETAL-HPR Datasheet
553Kb / 4P
   water-proof and dust-proof
logo
TOKO, Inc
STA8121 TOKO-STA8121 Datasheet
118Kb / 1P
   Dust and Water proof structure
logo
PHOENIX CONTACT
1212598 PHOENIX-1212598 Datasheet
45Kb / 2P
   Shock-proof, dust-proof, and splash-proof housing, IP65
logo
List of Unclassifed Man...
SPL00501031ST ETC2-SPL00501031ST Datasheet
436Kb / 5P
   Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
logo
Axiomtek Co., Ltd.
GOT815-834 AXIOMTEK-GOT815-834 Datasheet
452Kb / 2P
   Water/dust/corrosion-proof design IP66/IP69K
logo
ALPS ELECTRIC CO.,LTD.
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
   Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
   Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
   Water-proof Type
SPVQ1 ALPS-SPVQ1_15 Datasheet
941Kb / 6P
   Water-proof Type
logo
Omron Electronics LLC
EE-SX1161-W11 OMRON-EE-SX1161-W11 Datasheet
180Kb / 2P
   Dust-proof model.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com