Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-1048-8I4-C3A0V0-4U3-3A Datasheet(PDF) 2 Page - ETAL Group

Part # E-1048-8I4-C3A0V0-4U3-3A
Description  Integral power electronics provide a wear-resistant switching function, insensitive to shock and vibration
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1048-8I4-C3A0V0-4U3-3A Datasheet(HTML) 2 Page - ETAL Group

  E-1048-8I4-C3A0V0-4U3-3A Datasheet HTML 1Page - ETAL Group E-1048-8I4-C3A0V0-4U3-3A Datasheet HTML 2Page - ETAL Group E-1048-8I4-C3A0V0-4U3-3A Datasheet HTML 3Page - ETAL Group E-1048-8I4-C3A0V0-4U3-3A Datasheet HTML 4Page - ETAL Group E-1048-8I4-C3A0V0-4U3-3A Datasheet HTML 5Page - ETAL Group E-1048-8I4-C3A0V0-4U3-3A Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.e-t-a.de
Smart Power Relay E-1048-8I...
1646
2
5
Delay time ton/toff
typically 5 ms / typically 1.5 ms
(resistive load)
(EMC filter in control input)
Wire breakage monitoring in wire breakage thresholds:
ON and OFF
in OFF-condition (version 1):
condition of load
Rload > typically 100 kΩ
in OFF-condition (version 2):
Rload > typically 10 kΩ
in ON-condition: Iload < typically 0.2 x IN
indication via group fault signalisation
SF (switching output)
Fault indication will not be stored, i.e.
after remedy of wire breakage fault
indication will disappear
possible options:
- wire breakage indication only in ON
condition
- wire breakage indication only in OFF
condition
- no wire breakage indication)
Short circuit, overload
- disconnection of load, indication via
in load circuit
group signal SF
- no automatic re-start
- after remedy of the fault unit has to
be reset via control input IN+
Control input IN+
Control voltage IN+
0...5 V = “OFF”, 8.5...32 V =
“ON”
Control current IE
1...10 mA (8.5...DC 32 V)
Reset in the event of a failure - reset via external control signal (low
- high) at control input IN+
- via reset of supply voltage
Switching frequency
at resistive or inductive load max. 100 Hz
Status and diagnostic function
Control signal AS
transistor output minus switching (LSS),
open collector, short circuit and overload
proof, max. load: DC 32 V/2 A
0 V-level: when unit is set
(at IN+ = 8.4...32 V)
Group signal SF
transistor output minus switching (LSS),
open collector, short circuit and overload
proof, load max. DC 32 V/2 A
0 V-level with overload and short circuit
disconnection, wire breakage indication
Analogue output U(I)
voltage output 0-5 V proportional
to load current:
1 V = 0.2 x IN
5 V = 1.0 x IN
5 V... typically 6.5 V = overload range
tolerance: (for Iload > 0.2 x IN)
± 8 % of IN
max. output current 5 mA
load resistance > 1 kΩ against GND
Trip times
response time when switching on a load:
definition of t90
t90 = typically 20 ms
reached 90% of final value
response time of load change on duty:
t90 = typically 1 ms
Visual status indication
Control signal AS
LED yellow
Group fault signal SF
LED red
General data
Reverse polarity protection
Control circuit
yes
Load circuit
no (due to integral free-wheeling diode)
Status outputs
interference voltage resistance
max. DC 32 V
Temperature range
ambient temperature
- standard: -40...+85 °C
without load reduction (70 °C at 20 A)
- for other temperature ranges please
see ordering key
Tests
Humid heat
combined test, 9 cycles with
functional test
test to DIN EN 60068-2-30, Z/AD
Temperature change
min. temperature -40 °C,
max. temperature +90 °C
test to DIN IEC 60068-2-14, Nb
Vibration (random)
in operation, with temperature change
6 g eff. (10 Hz...2,000 Hz)
test to DIN EN 60068-2-64
Shock
25 g/11 ms, 10 shocks
test to DIN EN 60068-2-27
Corrosion
test to DIN EN 60068-2-52, severity 3
Protection class
housing IP30 to DIN 40050
higher protection class upon request
EMC requirements
EMC directive:
emitted interference EN 61000-6-3
noise immunity EN 61000-6-2
Automotive directive:
emitted interference, noise immunity:
72/245/EW6 und 95/54/E6
Terminals of INLINE version
(7 pin, standard)
7 blade terminals 6.3 mm x 0.8 mm
to DIN 46244-A6.3-0.8
contact material CuZn37F37
copper-plated and tin-plated
Mounting:
- E-T-A socket type 17-P10-Si
(max. load 16 A)
- on a pc board with 6.3 mm
receptacles
Housing INLINE version
max. dimensions
INLINE:
11.5 x 50 x 56 mm when plugged in
11.5 x 50 x 66 mm including terminals
Materials
INLINE: PA66
Mass
approx. 23 g...33 g, depending on
version
Approvals
CE, e1 logo
according to EU, EMC and automotive
directives
Technical Data (TU = 25 °C, US = DC 24 V) (TU = ambient temperature at UN)
Technical Data (TU = 25 °C, US = DC 24 V) (TU = ambient temperatureat UN)


Similar Part No. - E-1048-8I4-C3A0V0-4U3-3A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
E-1048-8C4-C0A0V0-4U3-1A ETAL-E-1048-8C4-C0A0V0-4U3-1A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-2A ETAL-E-1048-8C4-C0A0V0-4U3-2A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-3A ETAL-E-1048-8C4-C0A0V0-4U3-3A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-5A ETAL-E-1048-8C4-C0A0V0-4U3-5A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V1-4U3-1A ETAL-E-1048-8C4-C0A0V1-4U3-1A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
More results

Similar Description - E-1048-8I4-C3A0V0-4U3-3A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
E-1048-8D ETAL-E-1048-8D Datasheet
203Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048 ETAL-E-1048 Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8S ETAL-E-1048-8S Datasheet
214Kb / 4P
   The E-1048-8Slimline features integral power electronics and provides wear-free switching function, insensitive against shock, vibration and dust
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
   Vibration and shock resistant
logo
NXP Semiconductors
E188CC PHILIPS-E188CC Datasheet
974Kb / 24P
   SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT DOUBLE TRIODE
9.9.1959
logo
QUARTZCOM the communica...
VXO-1S-4P QUARTZCOM-VXO-1S-4P Datasheet
119Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
logo
NXP Semiconductors
E99F PHILIPS-E99F Datasheet
579Kb / 21P
   SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT R.F. PENTODE
9.9.1958
logo
QUARTZCOM the communica...
SMX-3S QUARTZCOM-SMX-3S Datasheet
114Kb / 1P
   Miniature SMD Crystal Highly shock and vibration resistant
VXO-1S-6P QUARTZCOM-VXO-1S-6P Datasheet
123Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
TX7-503C QUARTZCOM-TX7-503C Datasheet
102Kb / 1P
   SMD TCXO CMOS Highly shock and vibration resistant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com