Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF183C154T-25 Datasheet(PDF) 10 Page - TEMIC Semiconductors

Part # AF183C154T-25
Description  CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

AF183C154T-25 Datasheet(HTML) 10 Page - TEMIC Semiconductors

Back Button AF183C154T-25 Datasheet HTML 6Page - TEMIC Semiconductors AF183C154T-25 Datasheet HTML 7Page - TEMIC Semiconductors AF183C154T-25 Datasheet HTML 8Page - TEMIC Semiconductors AF183C154T-25 Datasheet HTML 9Page - TEMIC Semiconductors AF183C154T-25 Datasheet HTML 10Page - TEMIC Semiconductors AF183C154T-25 Datasheet HTML 11Page - TEMIC Semiconductors AF183C154T-25 Datasheet HTML 12Page - TEMIC Semiconductors AF183C154T-25 Datasheet HTML 13Page - TEMIC Semiconductors AF183C154T-25 Datasheet HTML 14Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
80C154/83C154
Rev.F (14 Jan. 97)
10
MATRA MHS
(MSB)
(LSB)
WDT
T32
SERR
IZC
P3HZ
P2HZ
P1HZ
ALF
Symbol
Position
Name and Significance
T32
IOCON.6
If T32 = 1 and if C/T0 = 0, T1 and T0 are programmed as a 32 bit TIMER.
If T32 = 1 and if C/T0 = 1, T1 and T0 are programmed as a 32 bit COUNTER.
WDT
IOCON.7
If WDT = 1 and according to the mode selected by TMOD, an 8 bit or 32 bit
WATCHDOG is configured from TIMERS 0 and 1.
32 Bit Mode
D T32 = 1 enables access to this mode. As shown in
figure 11, this 32 bit mode consists in cascading
TIMER 0 for the LSBs and TIMER 1 for the MSBs
Figure 10.32 Bit Timer/counter.
T32 = 1 starts the timer/counter and T32 = 0 stops it.
It should be noted that as soon as T32 = 0. TIMERs 0 and
1 assume the configuration specified by register TMOD.
Moreover, if TR0 = 1 or if TR1 = 1, the content of the
TIMERs evolves. Consequently, in 32 bit mode, if the
TIMER/COUNTER muste be stopped (T32 = 0), TR0
and TR1 must be set to 0.
32 Bit Timer
D Figure 12 illustrates the 32 bit TIMER mode.
Figure 11. 32 Bit Timer Configuration.
D In this mode, T32 = 1 and C/T0 = 0, the 32 bit timer
is incremented on each S3P1 state of each machine
cycle. An overflow of TIMER 0 (TF0 has not been set
to 1) increments TIMER 1 and the overflow of the
32 bit TIMER is signalled by setting TF1 (S5P1) to 1.
D The following formula should be used to calculate the
required frequency :
f +
OSC
12
65536 (T0, T1)


Similar Part No. - AF183C154T-25

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AF1 ALTECH-AF1 Datasheet
372Kb / 1P
   30 mm Non-Illuminated Flush Momentary Metal Operator AFx
logo
List of Unclassifed Man...
AF10 ETC2-AF10 Datasheet
85Kb / 1P
   CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
3M Electronics
AF10 3M-AF10 Datasheet
31Kb / 8P
   3M Scotch-WeldTM Structural Adhesive Films
logo
NIHON DEMPA KOGYO
AF10-12D NDK-AF10-12D Datasheet
85Kb / 1P
   Antenna Filter
AF10-24D NDK-AF10-24D Datasheet
85Kb / 1P
   Antenna Filter
More results

Similar Description - AF183C154T-25

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com