Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4UB10 Datasheet(PDF) 1 Page - Kingtronics International Company

Part # D4UB10
Description  Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

D4UB10 Datasheet(HTML) 1 Page - Kingtronics International Company

  D4UB10 Datasheet HTML 1Page - Kingtronics International Company D4UB10 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 4.0 Amperes
◆Ideal for printed circuit board
◆Reliable low cost construction technique
results in inexpensive product
◆High temperature soldering guaranteed:
250
/ 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
◆UL Recognized File number: E347214
◆Case: Molded plastic
◆Lead: solder plated
◆Polarity: As marked
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
D4UB
05
D4UB
10
D4UB
20
D4UB
40
D4UB
60
D4UB
80
D4UB
100
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current @TC =138
I(AV)
4.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load (JEDEC method)
IFSM
135
A
Maximum Instantaneous Forward Voltage @ 2.0A
VF
1.00
V
Maximum DC Reverse Current @ TA=25℃
rated DC blocking voltage per leg TA = 125℃
IR
10
500
μA
Typical Thermal Resistance (Note 1)
(Note 2)
(Note 3)
Rθ
JA
RθJL
Rθ
JC
55
15
1.5
℃/W
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
NOTE:1. Junction to ambient, Without heatsink. 2. Junction to Lead,Without heatsink. 3. Junction to case,With heatsink.
Dimensions in inches and (millimeters)
D4UB05 THRU
D4UB100
FEATURES
Package: D3K
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
MECHANICAL DATA


Similar Part No. - D4UB10

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
D4UB10 KINGTRONICS-D4UB10 Datasheet
422Kb / 2P
   Single Phase 4.0 AMPS.Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
logo
SeCoS Halbleitertechnol...
D4UB10 SECOS-D4UB10 Datasheet
188Kb / 2P
   Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
D4UB10 YANGJIE-D4UB10 Datasheet
161Kb / 4P
   Bridge Rectifiers
logo
First Silicon Co., Ltd
D4UB10 FS-D4UB10 Datasheet
428Kb / 3P
   Bridge Rectifiers
logo
SAMYANG ELECTRONICS CO....
D4UB10 SAMYANG-D4UB10 Datasheet
950Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - D4UB10

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
GBU4005-GBU410 KINGTRONICS-GBU4005-GBU410 Datasheet
523Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
KBL4005-KBL410 KINGTRONICS-KBL4005-KBL410 Datasheet
387Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
D4UB05-THRU-D4UB100 KINGTRONICS-D4UB05-THRU-D4UB100 Datasheet
422Kb / 2P
   Single Phase 4.0 AMPS.Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
logo
GOOD-ARK Electronics
GBU4005 GOOD-ARK-GBU4005_15 Datasheet
841Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 4.0 Amperes
logo
Rectron Semiconductor
MDA970G1 RECTRON-MDA970G1 Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes)
MDA970G1 RECTRON-MDA970G1_07 Datasheet
236Kb / 3P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
RBU401M RECTRON-RBU401M_10 Datasheet
243Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
KBL401 RECTRON-KBL401 Datasheet
125Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
2020-04/10 REV:A
logo
GOOD-ARK Electronics
GBL005 GOOD-ARK-GBL005_15 Datasheet
180Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
GBL005 GOOD-ARK-GBL005 Datasheet
179Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com