Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB155S Datasheet(PDF) 1 Page - Kingtronics International Company

Part # DB155S
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 1.5 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

DB155S Datasheet(HTML) 1 Page - Kingtronics International Company

  DB155S Datasheet HTML 1Page - Kingtronics International Company DB155S Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
REVERSE VOLTAGE 50 to 1000 Volts
FORWARD CURRENT 1.5 Ampere
FEATURES
Glass passivated chip junction.
High surge overload rating of 50 Amperes peak.
Ideal for printed circuit board.
High temperature soldering guaranteed: 260°C for 10 seconds.
MECHANICAL DATA
Case: Molded plastic, DB-S.
Epoxy: UL 94V-O rate flame retardant.
Terminals: Leads solderable per MIL-STD-202, method 208 guaranteed.
Mounting position: Any.
Weight: 0.02ounce, 0.4gram.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified ,
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
PARAMETER
SYMBOL
DB151S
DB152S
DB153S
DB154S
DB155S
DB156S
DB157S
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current at TA=40
(Note 2)
I(AV)
1.5
A
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC
method)
IFSM
50
A
Maximum forward Voltage at 1.5A DC and
25
VF
1.1
V
Maximum DC Reverse Current at TA=25℃
at Rated DC Blocking voltage
TA=125℃
IR
5.0
500
uA
Typical Junction Capacitance (Note 1)
CJ
25
pF
Typical Thermal Resistance (Note 2)
RθJC
40
℃/W
Typical Thermal Resistance (Note 2)
RθJL
15
℃/W
Operating and Storage Temperature Range
TJ , TSTG
-55 to +150
1- Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2- Units mounted on P.C.B. with 0.5 x 0.5" (13 x 13mm) copper pads.
DB151S THRU
DB157S
DB-S
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
Dimensions in inches and (millimeters)


Similar Part No. - DB155S

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
DB155S SUNTAN-DB155S Datasheet
219Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Rectron Semiconductor
DB155S RECTRON-DB155S Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Kingtronics Internation...
DB155S KINGTRONICS-DB155S Datasheet
216Kb / 18P
   BRIDGE RECTIFIER
logo
Diode Semiconductor Kor...
DB155S DSK-DB155S Datasheet
94Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
DB155S YANGJIE-DB155S Datasheet
178Kb / 4P
   Bridge Rectifiers
More results

Similar Description - DB155S

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
DB151-DB157 KINGTRONICS-DB151-DB157 Datasheet
372Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 1.5 Ampere
GBPC50005W-GBPC5010W KINGTRONICS-GBPC50005W-GBPC5010W Datasheet
374Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
S50VB005-S50VB100 KINGTRONICS-S50VB005-S50VB100 Datasheet
363Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
GBPC50005-GBPC5010 KINGTRONICS-GBPC50005-GBPC5010 Datasheet
367Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
GBU8005-GBU810 KINGTRONICS-GBU8005-GBU810 Datasheet
344Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 8.0 Ampere
GBU15005-GBU1510 KINGTRONICS-GBU15005-GBU1510 Datasheet
330Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 15 Ampere
GBPC35005-GBPC3510 KINGTRONICS-GBPC35005-GBPC3510 Datasheet
369Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 35 Ampere
S25VB005-S25VB100 KINGTRONICS-S25VB005-S25VB100 Datasheet
362Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 25 Ampere
GBPC25005-GBPC2510 KINGTRONICS-GBPC25005-GBPC2510 Datasheet
375Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 25 Ampere
GBJ20005-GBJ2010 KINGTRONICS-GBJ20005-GBJ2010 Datasheet
378Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 20 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com