Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ608 Datasheet(PDF) 2 Page - Kingtronics International Company

Part # GBJ608
Description  SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE 100 to 1000 Volts CURRENT 6.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

GBJ608 Datasheet(HTML) 2 Page - Kingtronics International Company

  GBJ608 Datasheet HTML 1Page - Kingtronics International Company GBJ608 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES
Note: Specifications are subject to change without notice.
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
GBJ601 THRU
GBJ610


Similar Part No. - GBJ608

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ608 MCC-GBJ608 Datasheet
89Kb / 2P
   6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Suntan Capacitors
GBJ608 SUNTAN-GBJ608 Datasheet
481Kb / 2P
   Ideal for printed circuit board
logo
Micro Commercial Compon...
GBJ608 MCC-GBJ608 Datasheet
204Kb / 3P
   6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
List of Unclassifed Man...
GBJ608 ETC1-GBJ608 Datasheet
220Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A
logo
DIYI Electronic Technol...
GBJ608 DYELEC-GBJ608 Datasheet
3Mb / 2P
   SINGLE PHASE AMP GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - GBJ608

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
KBJ6005-KBJ610 KINGTRONICS-KBJ6005-KBJ610 Datasheet
366Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Ampere
GBU4005-GBU410 KINGTRONICS-GBU4005-GBU410_16 Datasheet
354Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE 100 to 1000 Volts CURRENT 4.0 Ampere
GBU6005-GBU610 KINGTRONICS-GBU6005-GBU610 Datasheet
339Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 6.0 Ampere
KBU6005-KBU610 KINGTRONICS-KBU6005-KBU610_16 Datasheet
324Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Ampere
logo
Rectron Semiconductor
MD1F RECTRON-MD1F Datasheet
402Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 100 tO 1000 Volts CURRENT 1.0 Ampere
2021-12/08 REV:E
MB1F RECTRON-MB1F Datasheet
595Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 100 to 1000 Volts CURRENT 0.8 Ampere
2021-12/18 REV:G
logo
Kingtronics Internation...
GBJ801-GBJ810 KINGTRONICS-GBJ801-GBJ810 Datasheet
382Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 100 to 1000 Volts FORWARD CURRENT 8.0 Ampere
GBJ1001-GBJ1010 KINGTRONICS-GBJ1001-GBJ1010 Datasheet
384Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 100 to 1000 Volts FORWARD CURRENT 10 Ampere
GBJ2501-GBJ2510 KINGTRONICS-GBJ2501-GBJ2510 Datasheet
369Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 100 to 1000 Volts FORWARD CURRENT 25 Ampere
GBJ35005-GBJ3510 KINGTRONICS-GBJ35005-GBJ3510 Datasheet
363Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 100 to 1000 Volts FORWARD CURRENT 35 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com