Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7802-1A Datasheet(PDF) 5 Page - NEC

Part # PS7802-1A
Description  NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7802-1A Datasheet(HTML) 5 Page - NEC

  PS7802-1A Datasheet HTML 1Page - NEC PS7802-1A Datasheet HTML 2Page - NEC PS7802-1A Datasheet HTML 3Page - NEC PS7802-1A Datasheet HTML 4Page - NEC PS7802-1A Datasheet HTML 5Page - NEC PS7802-1A Datasheet HTML 6Page - NEC PS7802-1A Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2-94
PS7802-1A
TYPICAL CHARACTERISTICS (TA = 25ºC)
NORMALIZED TURN-ON TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (ºC)
NORMALIZED TURN-OFF TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (ºC)
-25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Normalized to 1.0
at TA = 25
ºC,
IF = 5 mA,
VO = 5V,
RL = 500
025
50
75
100
-25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Normalized to 1.0
at TA = 25
ºC,
IF = 5 mA,
VO = 5V,
RL = 500
025
50
75
100
ERT (Equivalent Rate Time) measurement
250 mV
250 mV
Output
ERT =
tr (out)
2 – tr (in)2
Input
90%
10%
90%
10%
tr (out)
tr (in)


Similar Part No. - PS7802-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7802-1A NEC-PS7802-1A Datasheet
101Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7802-1A CEL-PS7802-1A Datasheet
342Kb / 14P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7802-1A RENESAS-PS7802-1A Datasheet
255Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7802-1A-A NEC-PS7802-1A-A Datasheet
101Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7802-1A-A CEL-PS7802-1A-A Datasheet
342Kb / 14P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7802-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801 NEC-PS7801 Datasheet
157Kb / 7P
   NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7801C-1A CEL-PS7801C-1A Datasheet
337Kb / 5P
   NECs 4-PIN ULTRA SMALL FLAT-LEAD SUPER LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOS FET
logo
NEC
PS7802-1A NEC-PS7802-1A Datasheet
101Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801-1A RENESAS-PS7801-1A_15 Datasheet
226Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801-1A CEL-PS7801-1A Datasheet
202Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7801-1A NEC-PS7801-1A Datasheet
102Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7802-1A RENESAS-PS7802-1A Datasheet
255Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7801C-1A NEC-PS7801C-1A Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, SUPER LOW OUTPUT CAPACITANCE, 1-ch Optical Coupled MOS FET
PS7801D-1A NEC-PS7801D-1A_1 Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
PS7801F-1A NEC-PS7801F-1A Datasheet
94Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com