Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ608 Datasheet(PDF) 1 Page - Kingtronics International Company

Part # KBJ608
Description  SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

KBJ608 Datasheet(HTML) 1 Page - Kingtronics International Company

  KBJ608 Datasheet HTML 1Page - Kingtronics International Company KBJ608 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SINGLE-PHASE BRIDGE RECTIFIER
GLASS PASSIVATED BRIDGE RECTIFIERS
VOLTAGE RANGE 50 to 1000 Volts
CURRENT 6.0 Ampere
FEATURES
Rating to 1000V PRV.
Ideal for printed circuit board.
Reliable low cost construction utilizing molded plastic
Technique.
The plastic material has UL flammability classification 94V-0.
Electrically isolated base-1500 Volts.
MECHANICAL DATA
Polarity: Symbols molded on body.
Weight: 0.15 ounces, 4.0 grams.
Mounting position: Any.
MAXIMUM RATINGS AND ELECTRICAL
CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified ,
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
PARAMETER
SYMBOL
KBJ6005
KBJ601
KBJ602
KBJ604
KBJ606
KBJ608
KBJ610
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward(with heatsink Note 2)
Rectified Current @ TC=110
(without heatsink)
I(AV)
6.0
A
Peak Forward Surge Current
8.3ms single half sine-wave
superimposed on rated load (JEDEC METHOD)
IFSM
170
A
Maximum forward Voltage at 3.0A DC
VF
1.0
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking voltage
@TJ=125℃
IR
5.0
500
µ
A
I
2t Rating for fusing(t<8.3ms)
I
2t
120
A
2S
Typical Junction
Capacitance per element(Note 1)
CJ
80
pF
Typical Thermal Resistance (Note 2)
RθJC
1.5
/W
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
1- Measured at 1.0M Hz and applied reversed voltage of 4.0 VDC.
2- Unit Mounted on 75mm x 75mm x 1.6mm Cu Plate Heatsink.
KBJ6005 THRU
KBJ610
KBJ
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
Dimensions in inches and (millimeters)


Similar Part No. - KBJ608

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBJ608 ETC1-KBJ608 Datasheet
220Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A
logo
Microdiode Electronics ...
KBJ608 CHENDA-KBJ608 Datasheet
527Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
RFE international
KBJ608 RFE-KBJ608 Datasheet
341Kb / 2P
   BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
DONGGUAN YOU FENG WEI E...
KBJ608 YFWDIODE-KBJ608 Datasheet
537Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
KBJ608 LUGUANG-KBJ608 Datasheet
142Kb / 2P
   Silicon Bridge Rectifiers
More results

Similar Description - KBJ608

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
GBJ6005-GBJ610 KINGTRONICS-GBJ6005-GBJ610_16 Datasheet
354Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE 100 to 1000 Volts CURRENT 6.0 Ampere
GBU6005-GBU610 KINGTRONICS-GBU6005-GBU610 Datasheet
339Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 6.0 Ampere
KBU6005-KBU610 KINGTRONICS-KBU6005-KBU610_16 Datasheet
324Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Ampere
GBJ6005-GBJ610 KINGTRONICS-GBJ6005-GBJ610 Datasheet
592Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 6.0 Amperes
KBU6005-KBU610 KINGTRONICS-KBU6005-KBU610 Datasheet
387Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 6.0 Amperes
GBU4005-GBU410 KINGTRONICS-GBU4005-GBU410_16 Datasheet
354Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE 100 to 1000 Volts CURRENT 4.0 Ampere
logo
GOOD-ARK Electronics
GBU6005 GOOD-ARK-GBU6005_15 Datasheet
755Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 6.0 Amperes
logo
Kingtronics Internation...
GBPC50005W-GBPC5010W KINGTRONICS-GBPC50005W-GBPC5010W Datasheet
374Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
S50VB005-S50VB100 KINGTRONICS-S50VB005-S50VB100 Datasheet
363Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
logo
GOOD-ARK Electronics
KBPC6 GOOD-ARK-KBPC6_15 Datasheet
698Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 6.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com