Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA30H4452M Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RA30H4452M
Description  440-520MHz 30W 12.5V MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA30H4452M Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA30H4452M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA30H4452M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA30H4452M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA30H4452M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA30H4452M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA30H4452M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA30H4452M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA30H4452M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA30H4452M Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MITSUBISHI RF POWER MODULE
RA30H4452M
RA30H4452M
MITSUBISHI ELECTRIC
2 Dec 2002
4/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50
Ω, unless otherwise specified)
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
versus DRAIN VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
0
10
20
30
40
50
60
2
2.5
3
3.5
4
4.5
5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
Pout
f=440MHz,
VDD=12.5V,
VGG=5V
IDD
0
10
20
30
40
50
60
70
80
90
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
10
12
14
16
18
Pout
f=490MHz,
VDD=12.5V,
VGG=5V
IDD
0
10
20
30
40
50
60
70
80
90
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
10
12
14
16
18
Pout
f=520MHz,
VDD=12.5V,
VGG=5V
IDD
0
10
20
30
40
50
60
2
2.5
3
3.5
4
4.5
5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
Pout
f=470MHz,
VDD=12.5V,
VGG=5V
IDD
0
10
20
30
40
50
60
2
2.5
3
3.5
4
4.5
5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
Pout
f=490MHz,
VDD=12.5V,
VGG=5V
IDD
0
10
20
30
40
50
60
2
2.5
3
3.5
4
4.5
5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
Pout
f=520MHz,
VDD=12.5V,
VGG=5V
IDD


Similar Part No. - RA30H4452M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H4452M MITSUBISHI-RA30H4452M Datasheet
157Kb / 7P
   RoHS Compliance , 440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M MITSUBISHI-RA30H4452M Datasheet
72Kb / 8P
   440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M MITSUBISHI-RA30H4452M Datasheet
185Kb / 8P
   RoHS Compliance , 440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M-101 MITSUBISHI-RA30H4452M-101 Datasheet
157Kb / 7P
   RoHS Compliance , 440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M-101 MITSUBISHI-RA30H4452M-101 Datasheet
72Kb / 8P
   440-520MHz 30W 12.5V MOBILE RADIO
More results

Similar Description - RA30H4452M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H4452M MITSUBISHI-RA30H4452M_10 Datasheet
72Kb / 8P
   440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M MITSUBISHI-RA30H4452M_06 Datasheet
157Kb / 7P
   RoHS Compliance , 440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M MITSUBISHI-RA30H4452M_11 Datasheet
185Kb / 8P
   RoHS Compliance , 440-520MHz 30W 12.5V MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M Datasheet
64Kb / 9P
   440-520MHz 13W 12.5V MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M Datasheet
95Kb / 9P
   440-520MHz 45W 12.5V MOBILE RADIO
RA07H4452M MITSUBISHI-RA07H4452M Datasheet
71Kb / 9P
   440-520MHz 7W 12.5V PORTABLE/ MOBILE RADIO
M68762H MITSUBISHI-M68762H Datasheet
38Kb / 3P
   440-490MHz, 12.5V, 30W, FM MOBILE RADIO
RA30H4552M1 MITSUBISHI-RA30H4552M1_10 Datasheet
193Kb / 10P
   450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M_10 Datasheet
101Kb / 9P
   440-520MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H4452M1 MITSUBISHI-RA60H4452M1_11 Datasheet
243Kb / 9P
   440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com