Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM20732CYW20732 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # BCM20732CYW20732
Description  Bluetooth Low-Energy (BLE)-compliant
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20732CYW20732 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button BCM20732CYW20732 Datasheet HTML 2Page - Cypress Semiconductor BCM20732CYW20732 Datasheet HTML 3Page - Cypress Semiconductor BCM20732CYW20732 Datasheet HTML 4Page - Cypress Semiconductor BCM20732CYW20732 Datasheet HTML 5Page - Cypress Semiconductor BCM20732CYW20732 Datasheet HTML 6Page - Cypress Semiconductor BCM20732CYW20732 Datasheet HTML 7Page - Cypress Semiconductor BCM20732CYW20732 Datasheet HTML 8Page - Cypress Semiconductor BCM20732CYW20732 Datasheet HTML 9Page - Cypress Semiconductor BCM20732CYW20732 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Document Number: 002-14837 Rev. *L
Page 6 of 35
CYW20732A0
1.4 ADC Port
The CYW20732 contains a 16-bit ADC (effective number of bits is 10).
Additionally:
There are nine analog input channels in the 32-pin package
The following GPIOs can be used as ADC inputs:
P0
P1
P8/P33 (select only one)
P11
P12
P13/P28 (select only one)
P14/P38 (select only one)
P15
P32
The conversion time is 10 μs.
There is a built-in reference with supply- or bandgap-based reference modes.
The maximum conversion rate is 187 kHz.
There is a rail-to-rail input swing.
The ADC consists of an analog ADC core that performs the actual analog-to-digital conversion and digital hardware that processes
the output of the ADC core into valid ADC output samples. Directed by the firmware, the digital hardware also controls the input
multiplexers that select the ADC input signal Vinp and the ADC reference signals Vref.
The ADC input range is selectable by firmware control:
When an input range of 0–3.6V is used, the input impedance is 3 MΩ.
When an input range of 0–2.4V is used, the input impedance is 1.84 MΩ.
When an input range of 0–1.2V is used, the input impedance is 680 kΩ.
ADC modes are defined in Table 2.
1.5 Serial Peripheral Interface
The CYW20732 has two independent SPI interfaces. One is a master-only interface and the other can be either a master or a slave.
Each interface has a 16-byte transmit buffer and a 16-byte receive buffer. To support more flexibility for user applications, the
CYW20732 has optional I/O ports that can be configured individually and separately for each functional pin as shown in Table 3,
Table 4, and Table 5. The CYW20732 acts as a SPI master device that supports 1.8V or 3.3V SPI slaves. The CYW20732 can also
act as an SPI slave device that supports a 1.8V or 3.3V SPI master.
Table 2. ADC Modes
Mode
ENOB (Typical)
Maximum Sampling Rate (kHz)
Latencya (μs)
a.Settling time after switching channels.
0
13
5.859
171
1
12.6
11.7
85
212
46.875
21
3
11.5
93.75
11
410
187
5


Similar Part No. - BCM20732CYW20732

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM20732 CYPRESS-BCM20732 Datasheet
4Mb / 3P
   Single-Chip Bluetooth Low Energy-Only SoC
BCM20732A1KML2G CYPRESS-BCM20732A1KML2G Datasheet
4Mb / 3P
   Single-Chip Bluetooth Low Energy-Only SoC
More results

Similar Description - BCM20732CYW20732

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20732Y CYPRESS-CYW20732Y Datasheet
2Mb / 26P
   Bluetooth Low-Energy (BLE)-compliant
logo
Laird Tech Smart Techno...
BL600-SA LSTD-BL600-SA Datasheet
2Mb / 50P
   Single Mode Bluetooth Low Energy (BLE) Module
logo
List of Unclassifed Man...
BC832 ETC-BC832 Datasheet
953Kb / 20P
   Bluetooth Low Energy (BLE) 5 Micro Module BC832
Ver 2.0 June 2017
logo
Cypress Semiconductor
CYW20702 CYPRESS-CYW20702 Datasheet
4Mb / 55P
   Bluetooth 4.0 EDR and Low Energy compliant
CYBL1XX7X CYPRESS-CYBL1XX7X Datasheet
851Kb / 42P
   Programmable Radio-on-Chip With Bluetooth Low Energy (PRoC??BLE)
CYBL10X6X CYPRESS-CYBL10X6X Datasheet
609Kb / 42P
   Programmable Radio-on-Chip With Bluetooth Low Energy (PRoC BLE)
logo
Laird Tech Smart Techno...
450-0064 LSTD-450-0064 Datasheet
1Mb / 52P
   Integrated Transceiver Modules for WLAN 802.11 b/g/n, Bluetooth, Bluetooth Low Energy (BLE)
logo
NXP Semiconductors
MKW40Z160 NXP-MKW40Z160 Datasheet
1Mb / 64P
   2.4 GHz Bluetooth Low Energy version 4.1 compliant
Rev. 1.1, 10/2015
logo
LAPIS Semiconductor Co....
ML7105 LAPIS-ML7105 Datasheet
683Kb / 30P
   Bluetooth Low Energy
logo
Microchip Technology
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
   Bluetooth짰 Low Energy (BLE) Module
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com