Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F465KAPMT-GSE2 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # MB91F465KAPMT-GSE2
Description  32-bit RISC, load/store architecture, five-stage pipeline
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KAPMT-GSE2 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button MB91F465KAPMT-GSE2 Datasheet HTML 7Page - Cypress Semiconductor MB91F465KAPMT-GSE2 Datasheet HTML 8Page - Cypress Semiconductor MB91F465KAPMT-GSE2 Datasheet HTML 9Page - Cypress Semiconductor MB91F465KAPMT-GSE2 Datasheet HTML 10Page - Cypress Semiconductor MB91F465KAPMT-GSE2 Datasheet HTML 11Page - Cypress Semiconductor MB91F465KAPMT-GSE2 Datasheet HTML 12Page - Cypress Semiconductor MB91F465KAPMT-GSE2 Datasheet HTML 13Page - Cypress Semiconductor MB91F465KAPMT-GSE2 Datasheet HTML 14Page - Cypress Semiconductor MB91F465KAPMT-GSE2 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 11 of 86
86
4. I/O Circuit Types
Type
Circuit
Remarks
A
CMOS level output (programmable IOL = 5mA, IOH = -5mA
and IOL = 2mA, IOH = -2mA)
2 different CMOS hysteresis inputs with input shutdown
function
Automotive input with input shutdown function
TTL input with input shutdown function
Programmable pull-up resistor: 50k
 approx.
pull-up control
R
CMOS hysteresis type1
Automotive inputs
TTL input
CMOS hysteresis type2
pull- down control
driver strength
control
data line
standby control for
input shutdown


Similar Part No. - MB91F465KAPMT-GSE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F465BB FUJITSU-MB91F465BB Datasheet
1Mb / 136P
   32-bit Microcontroller
MB91F465BBPMC-GSE2 FUJITSU-MB91F465BBPMC-GSE2 Datasheet
1Mb / 136P
   32-bit Microcontroller
logo
Cypress Semiconductor
MB91F465BBPMC-GSE2 CYPRESS-MB91F465BBPMC-GSE2 Datasheet
6Mb / 127P
   32-bit Microcontroller
MB91F465CAPMC-GSE2 CYPRESS-MB91F465CAPMC-GSE2 Datasheet
9Mb / 106P
   FR60 32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91F465DA FUJITSU-MB91F465DA Datasheet
1Mb / 140P
   32-bit Microcontroller
More results

Similar Description - MB91F465KAPMT-GSE2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB91460H CYPRESS-MB91460H Datasheet
9Mb / 105P
   32-bit RISC, load/store architecture, five-stage pipeline
MB9146D CYPRESS-MB9146D Datasheet
12Mb / 137P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91460Q CYPRESS-MB91460Q Datasheet
14Mb / 153P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91460T CYPRESS-MB91460T Datasheet
12Mb / 137P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91550 CYPRESS-MB91550 Datasheet
1Mb / 104P
   32-bit RISC, load/store architecture, 5-stage pipeline
MB91570 CYPRESS-MB91570 Datasheet
3Mb / 163P
   32-bit RISC, load/store architecture, 5-stage pipeline
logo
NXP Semiconductors
MMC2001 NXP-MMC2001 Datasheet
3Mb / 259P
   32-bit load/store RISC architecture
Revision 1.1
logo
ATMEL Corporation
AT91SAM7L128PRE ATMEL-AT91SAM7L128PRE Datasheet
8Mb / 564P
    numberHigh-performance 32-bit RISC Architecture
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
   High-performance 32-bit RISC Architecture
AT91M40800 ATMEL-AT91M40800_14 Datasheet
248Kb / 18P
   High-performance 32-bit RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com