Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTP9122 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDTP9122
Description  Dual Channel Synchronous Step- Down Switcher with Integrated FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTP9122 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDTP9122 Datasheet HTML 4Page - Integrated Device Technology IDTP9122 Datasheet HTML 5Page - Integrated Device Technology IDTP9122 Datasheet HTML 6Page - Integrated Device Technology IDTP9122 Datasheet HTML 7Page - Integrated Device Technology IDTP9122 Datasheet HTML 8Page - Integrated Device Technology IDTP9122 Datasheet HTML 9Page - Integrated Device Technology IDTP9122 Datasheet HTML 10Page - Integrated Device Technology IDTP9122 Datasheet HTML 11Page - Integrated Device Technology IDTP9122 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
IDTP9122
Advanced Datasheet
March 12, 2014
8
© 2014 Integrated Device Technology, Inc.
Mode0
– Individual Buck control
With IDTP9122 configured for mode0, both regulators are individually controlled via ENx input pin. The PORB output can be
configured to indicate various power up conditions.
Mode1
– Do not use - reserved
Mode2
– Master Enable pin (MEN) with sequence
With IDTP9122 configured for mode2, a configurable state machine will ramp up/down both regulators controlled by the MEN
pin. The PORB output can be configured to indicate various power up conditions. Individual Power Good output pins indicate
the regulator output being established.
Mode3
– Master Enable pin (MEN) with sequence and Standby Mode
With IDTP9122 configured for mode3, a configurable state machine will ramp up/down both regulators controlled by the MEN
pin. The PORB output can be configured to indicate various power up conditions. Individual Power Good output pins indicate
the regulator output being established.
In addition to mode2, mode3 supports the STANDBY mode entered by asserting the STANDBY pin. During standby, Buck1
and/or
2
will
be
turned
off
without
sequencing.
The
configuration
is
configurable
via
OTP.
Pin Description
DEVSLPIN
This pin allows the IC to enter and exit SLEEP mode. Sleep mode is the lowest power state of the device and is activated when
DEVSLPIN is logic HIGH. The device will be on “normal operation” when DEVSLPIN is logic LOW. See figure 2 – Device Power States.
VINSEL
This pin allows the function of Buck 2 to be changed to a Switch function. Logic LOW on this pin puts the channel into Buck configuration,
and a Logic HIGH on this pin puts the channel into Switch configuration.
PVIN1, PVIN2
PVINx is each buck converters’ respective power supply input. They provide power to the internal MOSFETs for the switch mode regulator.
Their operating range is 2.7V to 5.5V, and a 10uF capacitor is be placed as close as possible to each of the respective pins. An second
10uF capacitor should be used with PVIN2 because of the greater current sourcing capability of this channel. Because capacitance
derates with voltage, a 10V rated X7R ceramic capacitors be used. X7R is preferred over X5R because the derating with X7R is less. For
best performance, each of these power supply inputs are to be connected together on a dedicated circuit board power plane, and that the
trace going from these pins to the dedicated power plane be made as short as possible. Y5V capacitors are not recommended because of
their general low performance with respect to temperature, voltage derating, and higher resistance at high frequency’s minimizing their
ability to filter out high frequency noise.
VIN
VIN is the power supply input for the rest of the integrated circuit. It too has an operating range of 2.7V to 5.5V, and a 2.2uF 10V rated
X7R capacitor should be placed as close as possible to its’ pin. VIN should also be tied to the same power plane that the PVINx pins are
tied to with as short a trace as possible. Y5V capacitors are highly not recommended.
PGND1, PGND2
These are the dedicated ground pins for each of the respective power supply’s. The traces from these pins, to a dedicated ground plane,
should be made as short as possible.
VGND


Similar Part No. - IDTP9122

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTP9122 RENESAS-IDTP9122 Datasheet
934Kb / 17P
   Dual Channel Synchronous StepDown Switcher with Integrated FET
March 12, 2014
More results

Similar Description - IDTP9122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54394 TI1-TPS54394 Datasheet
1Mb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI1-TPS54394_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI-TPS54394_15 Datasheet
1Mb / 30P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI1-TPS54395_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI-TPS54395_15 Datasheet
1Mb / 30P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
logo
Integrated Device Techn...
IDTP9120 IDT-IDTP9120 Datasheet
1Mb / 24P
   Triple Channel Synchronous Step- Down Switcher with Integrated FET
logo
Texas Instruments
TPS54395 TI1-TPS54395 Datasheet
1,014Kb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com