Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9235A-RNDGI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # P9235A-RNDGI
Description  Wireless Power Transmitter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9235A-RNDGI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button P9235A-RNDGI Datasheet HTML 4Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 5Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 6Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 7Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 8Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 9Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 10Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 11Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
P9235A-R Datasheet
© 2016 Integrated Device Technology, Inc
8
May 17, 2016
Table 7. Pin Descriptions (continued)
Pin(s) Name
Type
Description
20
LED_RED
O
Open drain output. Connect a red LED to this pin. This pin can sink a maximum current of
25 mA (typical)
21
LED_GRN
O
Open drain output. Connect a green LED to this pin. This pin can sink a maximum current
of 25 mA (typical)
22
GPIO_B2
I/O
General purpose input/output. The GPIO’s power is supplied from the VDDIO pin. This pin
is configured as an output. If it is not used then it may be left floating.
23
GPIO_B3
I/O
General purpose input/output. The GPIO’s power is supplied from the VDDIO pin. This pin
is configured as an output. If it is not used then it may be left floating.
24
GH_BRG2
O
Gate driver output for the high-side half bridge 2.
25
BST_BRG2
I
Bootstrap pin for the half bridge 2. Tie an external capacitor from this pin to the SW_BRG2
to generate a drive voltage, which is higher than the input voltage.
26
SW_BRG2
O
Switch node for half bridge 2.
27
GL_BRG2
O
Gate driver output for the low-side half bridge 2.
28
GND_BRG
-
Ground return connection for half bridge 1 and half bridge 2 external FETs and associated
components.
29
GL_BRG1
O
Gate driver output for the low-side half bridge 1.
30
SW_BRG1
O
Switch node for half bridge 1.
31
BST_BRG1
I
Bootstrap pin for half bridge 1. Tie an external capacitor from this pin to the SW_BRG1 to
generate a drive voltage higher than the input voltage.
32
GH_BRG1
O
Gate driver output for the high-side half bridge 1.
33
VIN_DRV
I
Input power supply for the internal gate drivers. Connect a 10 µF capacitor from this pin to
ground.
34
VBRG_IN
I
Bridge voltage input voltage sense.
35
VSNS_GND -
Ground connection for voltage sense signals.
36
VSNS_IN
I
Voltage modulation signal input.
37
ISNS_IN
I
Current modulation signal input.
ISNS_OUT is fed into this pin after external conditioning
38
ISNS_OUT
O
Differential (ISNS_H - ISNS_L) current sense buffered output.
39
ISNS_L
I
Input current sense negative input
40
ISNS_H
I
Input current sense positive input
EPGND
-
Expose pad. Thermal pad for heat sinking purposes. Connect EPGND to GND plane.


Similar Part No. - P9235A-RNDGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P9235A-R RENESAS-P9235A-R Datasheet
1Mb / 24P
   Wireless Power Transmitter for ≤3W Applications
May 17, 2016
P9235A-RB RENESAS-P9235A-RB Datasheet
537Kb / 22P
   Wireless Power Transmitter for up to 5W Applications
November 9, 2021
More results

Similar Description - P9235A-RNDGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9242-R IDT-P9242-R Datasheet
1Mb / 31P
   Wireless Power Transmitter
P9260 IDT-P9260 Datasheet
158Kb / 2P
   15W Wireless Power Transmitter
logo
Texas Instruments
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Rohm
BD57020MWV ROHM-BD57020MWV Datasheet
3Mb / 42P
   Wireless Power Transmitter IC
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Rohm
BD57021MWV ROHM-BD57021MWV Datasheet
3Mb / 41P
   Wireless Power Transmitter IC
logo
Zilog, Inc.
Z87100 ZILOG-Z87100 Datasheet
213Kb / 48P
   Wireless Transmitter
logo
Linear Technology
LTC4125 LINER-LTC4125 Datasheet
454Kb / 28P
   5W AutoResonant Wireless Power Transmitter
logo
Texas Instruments
BQ500215 TI1-BQ500215 Datasheet
2Mb / 35P
[Old version datasheet]   Compliant Wireless Power Transmitter Manager
logo
Integrated Device Techn...
P9038 IDT-P9038 Datasheet
378Kb / 18P
   8W, Qi-compliant, Wireless Power Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com