Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLED7001 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ZLED7001
Description  Universal LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7001 Datasheet(HTML) 5 Page - Integrated Device Technology

  ZLED7001 Datasheet HTML 1Page - Integrated Device Technology ZLED7001 Datasheet HTML 2Page - Integrated Device Technology ZLED7001 Datasheet HTML 3Page - Integrated Device Technology ZLED7001 Datasheet HTML 4Page - Integrated Device Technology ZLED7001 Datasheet HTML 5Page - Integrated Device Technology ZLED7001 Datasheet HTML 6Page - Integrated Device Technology ZLED7001 Datasheet HTML 7Page - Integrated Device Technology ZLED7001 Datasheet HTML 8Page - Integrated Device Technology ZLED7001 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ZLED7001 Datasheet
© 2016 Integrated Device Technology, Inc.
5
April 20, 2016
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.6
PWMD pin input high
voltage
VENH
2
V
1.3.7
PWMD pin pull-up
resistance
REN
100
kΩ
1.3.8
Current sense threshold
voltage
VCSTH
215
240
265
mV
1.3.9
LD pin voltage low
threshold
VLDL
50
mV
1.3.10
LD pin voltage high
threshold
VLDH
240
mV
1.3.11
Current sense blanking
interval
TBLANK
400
480
550
ns
1.3.12
Output delay
tDELAY
VCS = VCSTH + 50mV, after
TBLANK
30
ns
1.3.13
OFF time
TOFF
TOFF pin floating
480
510
550
ns
1.3.14
GATE output rise time
tRISE
CGATE = 500pF
19
ns
1.3.15
GATE output fall time
tFALL
CGATE = 500pF
29
ns
1.3.16
REF pin voltage
VREF
1.12
1.20
1.30
V
1.3.17
REF pin load current
IREF
0.5
mA
1.3.18
Load regulation of
reference voltage
VREFLOAD
IREF = 0 to 500µA, PWMD
= 5.0V
0.5
5
mV


Similar Part No. - ZLED7001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7001 ETC2-ZLED7001 Datasheet
446Kb / 16P
   Universal LED Driver with Temperature Compensation
logo
Renesas Technology Corp
ZLED7001 RENESAS-ZLED7001 Datasheet
482Kb / 15P
   Universal LED Driver with Temperature Compensation
April 20, 2016
logo
List of Unclassifed Man...
ZLED7001-ZI1R ETC2-ZLED7001-ZI1R Datasheet
446Kb / 16P
   Universal LED Driver with Temperature Compensation
logo
Renesas Technology Corp
ZLED7001KIT-E1 RENESAS-ZLED7001KIT-E1 Datasheet
482Kb / 15P
   Universal LED Driver with Temperature Compensation
April 20, 2016
ZLED7001ZI1R RENESAS-ZLED7001ZI1R Datasheet
482Kb / 15P
   Universal LED Driver with Temperature Compensation
April 20, 2016
More results

Similar Description - ZLED7001

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9910B SUTEX-HV9910B_08 Datasheet
741Kb / 8P
   Universal High Brightness LED Driver
logo
Diodes Incorporated
AL9901 DIODES-AL9901 Datasheet
681Kb / 20P
   UNIVERSAL HIGH VOLTAGE LED DRIVER
logo
List of Unclassifed Man...
SQ9910 ETC2-SQ9910 Datasheet
484Kb / 10P
   Universal High Brightness LED Driver
logo
Integrated Silicon Solu...
IS31LT3932 ISSI-IS31LT3932 Datasheet
766Kb / 12P
   High PF universal LED Driver
logo
Bruckewell Technology L...
BW7381 BWTECH-BW7381 Datasheet
537Kb / 11P
   Universal High Brightness LED Driver
logo
Shenzhen Huazhimei Semi...
HM9910 HMSEMI-HM9910 Datasheet
689Kb / 4P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
logo
Microchip Technology
HV9910C MICROCHIP-HV9910C Datasheet
363Kb / 18P
   Universal High-Brightness LED Driver
03/25/14
logo
Bookly Micro electronic
BM0550HV BOOKLY-BM0550HV Datasheet
218Kb / 5P
   Universal High Brightness LED Driver
logo
Integrated Silicon Solu...
IS31LT3910 ISSI-IS31LT3910 Datasheet
290Kb / 8P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
logo
SYNC POWER Crop.
SP6801 SYNC-POWER-SP6801 Datasheet
98Kb / 6P
   Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com