Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLED7012 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ZLED7012
Description  Low-Voltage Four-Channel LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7012 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ZLED7012 Datasheet HTML 3Page - Integrated Device Technology ZLED7012 Datasheet HTML 4Page - Integrated Device Technology ZLED7012 Datasheet HTML 5Page - Integrated Device Technology ZLED7012 Datasheet HTML 6Page - Integrated Device Technology ZLED7012 Datasheet HTML 7Page - Integrated Device Technology ZLED7012 Datasheet HTML 8Page - Integrated Device Technology ZLED7012 Datasheet HTML 9Page - Integrated Device Technology ZLED7012 Datasheet HTML 10Page - Integrated Device Technology ZLED7012 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ZLED7012 Datasheet
© 2016 Integrated Device Technology, Inc.
7
April 20, 2016
TAMB = 25°C
ISET = 20mA
TAMB = 25°C
Figure 1.2
LED Current over Supply Voltage VCC Range (2.8V to 5.5V) for Outputs D0:D3 (LED0:LED3)
Figure 1.3
Shutdown Current ISD over Supply Voltage VCC Range (2.8V to 5.5V)
Figure 1.4
Current ICC over Temperature Range (-40°C to +85°C)


Similar Part No. - ZLED7012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7012 ETC2-ZLED7012 Datasheet
448Kb / 16P
   Low-Voltage Four-Channel LED Driver
logo
Renesas Technology Corp
ZLED7012 RENESAS-ZLED7012 Datasheet
487Kb / 15P
   Low-Voltage Four-Channel LED Driver
April 20, 2016
logo
List of Unclassifed Man...
ZLED7012-ZI1R ETC2-ZLED7012-ZI1R Datasheet
448Kb / 16P
   Low-Voltage Four-Channel LED Driver
ZLED7012KIT-E1 ETC2-ZLED7012KIT-E1 Datasheet
448Kb / 16P
   Low-Voltage Four-Channel LED Driver
logo
Renesas Technology Corp
ZLED7012KIT-E1 RENESAS-ZLED7012KIT-E1 Datasheet
487Kb / 15P
   Low-Voltage Four-Channel LED Driver
April 20, 2016
More results

Similar Description - ZLED7012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7012 ETC2-ZLED7012 Datasheet
448Kb / 16P
   Low-Voltage Four-Channel LED Driver
logo
Renesas Technology Corp
ZLED7012 RENESAS-ZLED7012 Datasheet
487Kb / 15P
   Low-Voltage Four-Channel LED Driver
April 20, 2016
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Low-EMI, High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
EC4101 ETC2-EC4101 Datasheet
428Kb / 6P
   Four Channel Constant Current LED Driver
logo
Integrated Silicon Solu...
IS31BL3212 ISSI-IS31BL3212 Datasheet
262Kb / 9P
   FOUR CHANNEL CONSTANT CURRENT LED DRIVER
IS31BL3212-STLS2-TR ISSI-IS31BL3212-STLS2-TR Datasheet
306Kb / 10P
   FOUR CHANNEL CONSTANT CURRENT LED DRIVER
logo
Sipex Corporation
SP7615 SIPEX-SP7615 Datasheet
244Kb / 10P
   Four Channel Constant Current LED Driver
SP7615 SIPEX-SP7615_06 Datasheet
286Kb / 11P
   Four Channel Constant Current LED Driver
logo
Integrated Device Techn...
ZLED7022 IDT-ZLED7022 Datasheet
294Kb / 14P
   Low-Voltage Six-Channel LED Driver
logo
List of Unclassifed Man...
ZLED7022 ETC2-ZLED7022 Datasheet
433Kb / 16P
   Low-Voltage Six-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com